Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9211 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics STV9211 Datasheet HTML 12Page - STMicroelectronics STV9211 Datasheet HTML 13Page - STMicroelectronics STV9211 Datasheet HTML 14Page - STMicroelectronics STV9211 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11/37
STV9211
Functional description
2.7
Brightness adjustment (8 bits)
Brightness adjustment is controlled by Register 2 (I2C table 1). It consists of adding the same DC
voltage (BRT) to the three RGB signals. This DC voltage can be adjusted between 0 and 2V, outside
the blanking pulse with 8mV adjustment steps (see
Figure 7).
Inside the blanking pulse the DC output level is forced to the “Infra Black” level (Vib).
Figure 7: Brightness adjustment
Adjustment
Brightness
BRT / 02
256 (8 bit) / 8mV
Channel
3 channels
simultaneously
Register
name / address
Number step / resolution
min / max
Value
0 / 2 V
BRT min
BRT max
0.4V
Vib
GND
BLK
2V
Insertion pulse: VIP (*)
(*) The Insertion pulse VIP is present only in “Brightness before Drive” mode
Black levels
InfraBlack level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com