Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM811LW16F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM811LW16F
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM811LW16F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM811LW16F Datasheet HTML 8Page - STMicroelectronics STM811LW16F Datasheet HTML 9Page - STMicroelectronics STM811LW16F Datasheet HTML 10Page - STMicroelectronics STM811LW16F Datasheet HTML 11Page - STMicroelectronics STM811LW16F Datasheet HTML 12Page - STMicroelectronics STM811LW16F Datasheet HTML 13Page - STMicroelectronics STM811LW16F Datasheet HTML 14Page - STMicroelectronics STM811LW16F Datasheet HTML 15Page - STMicroelectronics STM811LW16F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
STM809/810/811/812
12/18
Table 5. DC and AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 1.2V to 5.5V (except where noted).
2. For Active High (RST); VCC = VRST (max)
3. RST output for STM810/812
4. “Glitches” of 100ns or less typically will not generate a RESET pulse.
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit
VCC
Operating Voltage
TA = –40 to +85°C
1.2
5.5
V
TA = 0 to +70°C
1.0
5.5
V
ICC
VCC Supply Current
VCC < 3.6V
5.5
10
µA
VCC < 5.5V
715
µA
VIH
MR Input High Voltage
VCC > VRST (max), STM8XXL/M
2.2
V
VCC > VRST (max), STM8XXR/S/T
0.7VCC
V
VIL
MR Input Low Voltage
VCC > VRST (max), STM8XXL/M
0.8
V
VCC > VRST (max), STM8XXR/S/T
0.25VCC
V
VOL
RST Output Low Voltage
(Active High(2) or Low)
STM8XXR/S/T only, IOL = 1.2mA
VCC = VRST (min)
0.3
V
STM8XXL/M only, IOL = 3.2mA
VCC = VRST (min)
0.4
V
VOL
RST Output Low Voltage
IOL = 50µA; VCC > 1.0V
0.3
V
VOH
RST Output High Voltage
STM8XXR/S/T only, IOH = 500µA
0.8VCC
V
STM8XXL/M only, IOH = 800µA
0.8VCC
V
RST Output High Voltage
IOH = 150µA,
1.8V < VCC < VRST (min)
0.8VCC
V
RESET Thresholds
VRST
Reset Threshold
STM8XXL
25°C
4.56
4.63
4.70
V
–40 to 85°C
4.50
4.75
V
STM8XXM
25°C
4.31
4.38
4.45
V
–40 to 85°C
4.25
4.50
V
STM8XXT
25°C
3.04
3.08
3.11
V
–40 to 85°C
3.00
3.15
V
STM8XXS
25°C
2.89
2.93
2.96
V
–40 to 85°C
2.85
3.00
V
STM8XXR
25°C
2.59
2.63
2.66
V
–40 to 85°C
2.55
2.70
V
VRST Temperature
Coefficient
VCC = 3.3V
45
ppm/
C
VCC to RST Delay
VCC = VRST
to (VRST –
100mV)
STM8XXL/M
40
µs
STM8XXR/S/T
20
µs
Push-Button RESET Input
tMLMH
tMR
MR Pulse Width
10
µs
tMLRL
tMRD
MR to RST Output Delay(3)
0.5
µs
MR Glitch Immunity(4)
100
ns
MR Pull-up Resistance
10
20
30
k
Ω
trec
RST Pulse Width
140
210
280
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com