Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC55VCM208ASTN55 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC55VCM208ASTN55
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM208ASTN55 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC55VCM208ASTN55 Datasheet HTML 1Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM208ASTN55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC55VCM208ASTN40,55
2003-08-11
3/12
DC RECOMMENDED OPERATING CONDITIONS (Ta
= −40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
2.3
3.6
V
VDD = 2.3 V~2.7 V
2.0
VIH
Input High Voltage
VDD = 2.7 V~3.6 V
2.2
VDD + 0.3
V
VIL
Input Low Voltage
−0.3*
VDD × 0.24
V
VDH
Data Retention Supply Voltage
1.5
3.6
V
*:
−2.0 V when measured at a pulse width of 20ns
DC CHARACTERISTICS (Ta
= −40° to 85°C, VDD = 2.3 to 3.6 V)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
±1.0
µA
IOH
Output High Current VOH = VDD − 0.5 V
−0.5
mA
IOL
Output Low Current
VOL = 0.4 V
2.1
mA
ILO
Output Leakage
Current
1
CE
= VIH or CE2 = VIL or R/W = VIL or OE = VIH,
VOUT = 0 V~VDD
±1.0
µA
MIN
35
IDDO1
1
CE
= VIL and CE2 = VIH and
R/W
= VIH, IOUT = 0 mA,
Other Input
= VIH/VIL
1
µs
8
mA
MIN
30
IDDO2
Operating Current
1
CE
= 0.2 V and
CE2
= VDD − 0.2 V and
R/W
= VDD − 0.2 V,
IOUT = 0 mA,
Other Input
= VDD − 0.2 V/0.2 V
tcycle
1
µs
3
mA
IDDS1
1
CE
= VIH or CE2 = VIL
1
mA
VDD =
3.3V
± 0.3 V
Ta
= −40~85°C
10
Ta
= 25°C
0.7
Ta
= −40~40°C
2
IDDS2
Standby Current
1
CE
= VDD − 0.2 V or
CE2
= 0.2 V
VDD =3.0 V
Ta
= −40~85°C
5
µA
CAPACITANCE (Ta
= 25°C, f = 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note:
This parameter is periodically sampled and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com