Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMF1HDMI2SZ Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCMF1HDMI2SZ
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCMF1HDMI2SZ Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCMF1HDMI2SZ Datasheet HTML 12Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 13Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 14Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 15Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 16Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 17Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 18Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 19Page - NXP Semiconductors PCMF1HDMI2SZ Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PCMFXHDMI2S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 19 April 2016
16 of 20
NXP Semiconductors
PCMFXHDMI2S series
Common-mode EMI filter for differential channels with ESD protection
Fig 23. Soldering footprint WLCSP10 (PCMF2HDMI2S)
Fig 24. Soldering footprint WLCSP15 (PCMF3HDMI2S)
WLCSP10: Solder footprint and stencil aperture
PCMF2HDMI2S
pcmf2hdmi2s_fr
solder resist opening (SR)
occupied area
solder land plus solder paste
solder paste deposit (SP)
solder land (SL)
Dimensions in mm
P1
SR
P
0.80 0.25
0.325
Hx
1.80
SL
0.25
SP
0.40
15-10-14
15-10-22
Hy
1.40
SL = SP
SR
detail X
see
detail X
P
P
P1
Hx
Hy
recommend stencil thickness: 0.1 mm
WLCSP15: Solder footprint and stencil aperture
PCMF3HDMI2S
pcmf3hdmi2s_fr
solder resist opening (SR)
occupied area
solder land plus solder paste
solder paste deposit (SP)
solder land (SL)
Dimensions in mm
P1
SR
P
0.80 0.25
0.325
Hx
2.60
SL
0.25
SP
0.40
15-10-14
15-10-22
recommend stencil thickness: 0.1 mm
Hy
1.40
SL = SP
SR
detail X
see
detail X
P
P
P1
Hx
Hy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com