Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3USB3S Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PESD3USB3S
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3USB3S Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PESD3USB3S Datasheet HTML 10Page - NXP Semiconductors PESD3USB3S Datasheet HTML 11Page - NXP Semiconductors PESD3USB3S Datasheet HTML 12Page - NXP Semiconductors PESD3USB3S Datasheet HTML 13Page - NXP Semiconductors PESD3USB3S Datasheet HTML 14Page - NXP Semiconductors PESD3USB3S Datasheet HTML 15Page - NXP Semiconductors PESD3USB3S Datasheet HTML 16Page - NXP Semiconductors PESD3USB3S Datasheet HTML 17Page - NXP Semiconductors PESD3USB3S Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 26 April 2016
14 of 19
NXP Semiconductors
PESDxUSB3S series
ESD protection for differential data lines
9.
Soldering
Fig 18. Soldering footprint WLCSP5 (PESD1USB3S)
WLCSP5: Solder footprint and stencil aperture
PESD1USB3S
pesd1usb3s_fr
solder resist opening (SR)
occupied area
solder land plus solder paste
solder paste deposit (SP)
solder land (SL)
Dimensions in mm
SR
P
0.25
0.325
Hx
1.00
SL
0.25
SP
0.40
15-12-11
Hy
1.40
SL = SP
SR
detail X
see
detail X
P
P
Hx
Hy
recommend stencil thickness: 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com