Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2004WKQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2004WKQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004WKQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2004WKQ Datasheet HTML 1Page - Diodes Incorporated DMN2004WKQ Datasheet HTML 2Page - Diodes Incorporated DMN2004WKQ Datasheet HTML 3Page - Diodes Incorporated DMN2004WKQ Datasheet HTML 4Page - Diodes Incorporated DMN2004WKQ Datasheet HTML 5Page - Diodes Incorporated DMN2004WKQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2004WKQ
Document number: DS39166 Rev. 1 - 2
2 of 6
www.diodes.com
August 2016
© Diodes Incorporated
DMN2004WKQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 6)
Steady
State
TA = +25°C
TA = +85°C
ID
540
390
mA
Pulsed Drain Current (Note 7)
IDM
1.5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance, Junction to Ambient
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. Device mounted on FR-4 PCB.
7. Pulse width
10µS, Duty Cycle 1%.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
1
μA
VGS = 4.5V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
0.4
0.5
0.7
0.55
0.70
0.9
Ω
VGS = 4.5V, ID = 540mA
VGS = 2.5V, ID = 500mA
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
|Yfs|
200
ms
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 8)
VSD
0.5
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS(Note 9)
Input Capacitance
Ciss
150
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
20
pF
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com