Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS62050DGS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGS
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62050DGS Datasheet(HTML) 2 Page - Texas Instruments

  TPS62050DGS Datasheet HTML 1Page - Texas Instruments TPS62050DGS Datasheet HTML 2Page - Texas Instruments TPS62050DGS Datasheet HTML 3Page - Texas Instruments TPS62050DGS Datasheet HTML 4Page - Texas Instruments TPS62050DGS Datasheet HTML 5Page - Texas Instruments TPS62050DGS Datasheet HTML 6Page - Texas Instruments TPS62050DGS Datasheet HTML 7Page - Texas Instruments TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can
range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGED DEVICES
OUTPUT VOLTAGE
LBI/LBO FUNCTIONALITY
PACKAGE MARKING
PLASTIC MSOP (1) (DGS)
TPS62050DGS
Adjustable 0.7 V to 6 V
Standard
BFM
TPS62051DGS
Adjustable 0.7 V to 6 V
Enhanced
BGB
TPS62052DGS
1.5 V
Standard
BGC
TPS62054DGS
1.8 V
Standard
BGE
TPS62056DGS
3.3 V
Standard
BGG
(1)
The DGS packages are available taped and reeled. Add an R suffix to the device type (i.e., TPS62050DGSR) to order quantities of
2500 devices per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted (1)
TPS6205x
Supply voltage, VI
-0.3 V to 11 V
Voltage at EN, SYNC
-0.3 V to VI
Voltage at LBI, FB, LBO, PG
-0.3 V to 7 V
Voltage at SW
-0.3 V to 11 V (2)
Output current, IO
850 mA
Maximum junction temperature, TJ
150
°C
Operating free-air temperature range, TA
-40
°C to 85°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The voltage at the SW pin is sampled in PFM mode 15 µs after the PMOS has switched off. During this time the voltage at SW is
limited to 7 V maximum. Therefore, the output voltage of the converter is limited to 7 V maximum.
PACKAGE DISSIPATION RATING
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
TA ≤ 25°C
POWER RATING
POWER RATING
10-PIN MSOP (1)
555 mW
5.56 mW/
°C
305 mW
221 mW
(1)
The thermal resistance junction to ambient soldered onto a PCB of the 10-pin MSOP is 180
°C/W.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage at VI
2.7
10
V
Voltage at PG, LBO
6
V
Maximum output current
800 (1)
mA
Operating junction temperature
-40
125
°C
(1)
Assuming no thermal limitation
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com