Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB1843V Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1843V
Description  Monolithic Linear IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1843V Datasheet(HTML) 2 Page - ON Semiconductor

  LB1843V Datasheet HTML 1Page - ON Semiconductor LB1843V Datasheet HTML 2Page - ON Semiconductor LB1843V Datasheet HTML 3Page - ON Semiconductor LB1843V Datasheet HTML 4Page - ON Semiconductor LB1843V Datasheet HTML 5Page - ON Semiconductor LB1843V Datasheet HTML 6Page - ON Semiconductor LB1843V Datasheet HTML 7Page - ON Semiconductor LB1843V Datasheet HTML 8Page - ON Semiconductor LB1843V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LB1843V
No.4385-2/10
Electrical Characteristics
at Ta
= 25°C, VCC = 7.2V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current
ICC0
During standby
0.1
10
μA
ICC1
During bidirectional operation, no load
9
13
mA
ICC2
During braking
12
18
mA
Output saturation voltage
(upper side + lower side)
Vsat1
IOUT = 200mA (upper side + lower side)
0.20
0.30
V
Vsat2
IOUT = 400mA (upper side + lower side)
0.40
0.60
V
Reference voltage
Vref
IVref = 1mA
1.85
2.0
2.15
V
Set output current
Ilimit
Resistance between VCC and VM = 1Ω,
when LIR = 2V
165
185
205
mA
Input current
IIN
VIN = 5V
90
150
μA
RD saturation voltage
VRDsat
Io = 1mA
0.3
V
Output current limit is determined by the following equation (Rf is the sensing resistance between VCC and VM):
I limit = VLIR / 10Rf (A)
The input range for VLIR is 0.5 to VCC – 1.0(V)
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com