Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM2808 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM2808
Description  5W HIGH POWER HBLED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2808 Datasheet(HTML) 7 Page - Diodes Incorporated

  PAM2808 Datasheet HTML 1Page - Diodes Incorporated PAM2808 Datasheet HTML 2Page - Diodes Incorporated PAM2808 Datasheet HTML 3Page - Diodes Incorporated PAM2808 Datasheet HTML 4Page - Diodes Incorporated PAM2808 Datasheet HTML 5Page - Diodes Incorporated PAM2808 Datasheet HTML 6Page - Diodes Incorporated PAM2808 Datasheet HTML 7Page - Diodes Incorporated PAM2808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PAM2808
Document number: DS36402 Rev. 2 - 2
7 of 8
www.diodes.com
September 2015
© Diodes Incorporated
PAM2808
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
b
e
E
A
D
E1
EXPOSED PAD
Y
A1
A4
c
X
0
Suggested Pad Layout (All dimensions in mm.)
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SO-8EP (Type B)
Dim
Min
Max
A
1.35
1.75
A1
0.00
0.15
A4
0.40
0.90
b
0.35
0.49
c
0.19
0.25
D
4.80
5.00
E
5.80
6.20
E1
3.80
4.00
e
1.27 TYP
θ
0
°
8
°
Option 1
X
2.28
Y
2.28
Option 2
X
2.41
Y
3.30
All dimensions in mm
Dimensions
Value (in mm)
C
-
1.270
X
-
0.820
X1
Option 1
2.480
X1
Option 2
2.610
X2
-
4.730
Y
-
1.500
Y1
Option 1
2.480
Y1
Option 2
3.500
Y2
-
6.500
Y2
C
X
Y
Y1
X2
X1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com