Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2702221 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2702221
Description  LED enclosure light - PLD E 400 W 250
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702221 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2702221 Datasheet HTML 1Page - PHOENIX CONTACT 2702221 Datasheet HTML 2Page - PHOENIX CONTACT 2702221 Datasheet HTML 3Page - PHOENIX CONTACT 2702221 Datasheet HTML 4Page - PHOENIX CONTACT 2702221 Datasheet HTML 5Page - PHOENIX CONTACT 2702221 Datasheet HTML 6Page - PHOENIX CONTACT 2702221 Datasheet HTML 7Page - PHOENIX CONTACT 2702221 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/products/2702221
09/01/2016   Page 3 / 8
LED enclosure light - PLD E 400 W 250 - 2702221
Dimensional
drawing
Dimensional
drawing
for
screw
mounting
Connection diagram
4
3
1
X01 IN
Connection of the supply voltage of a light
Connection diagram
4
3
1
X02 OUT
Forwarding of the supply voltage with the series connection of lights
Schematic diagram
X01 IN
Connection of a light
Connection diagram
A
+24 V DC
GND
Connection of the light using a door position switch (A)
Schematic diagram
X01 IN
X02 OUT
X01 IN
Series connection of two lights
Dimensional drawing
250
23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com