Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3032 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3032
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3032 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3032 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
WHITE LED STEP-UP CONVERTER
AP3032
Dec. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3032 is an inductor-based DC/DC boost
converter designed to drive up to 4 rows of LEDs
with 7 series for each in parallel for backlight.
A constant frequency 1MHz PWM control scheme is
employed in this IC, which means tiny external
components can be used. Specifically, 1mm tall
6.8
μH inductor and 1µF aluminum output capacitor
for the typical application is sufficient.
The over output voltage protection is equipped in
AP3032, which protects the IC under open load
condition. The AP3032 includes UVLO, soft-start,
stand-by mode, current limiting and OTSD to protect
the circuit under over load condition
The AP3032 is available in SOT-23-6 package.
Features
Efficiency Up to 81%(VIN=5V, IOUT=80mA)
Drives up to 4 Rows of WLEDs with 7 Series
for Each in Parallel (VIN=5V)
Fast 1 MHz Switching Frequency
Wide Input Voltage Range: 2.7V to 9V
Low Feedback Voltage: 200mV
Output Over Voltage Protection
Cycle-by-cycle Current Limit: 1.4A
Built in Soft-start
Built in Standby-mode to Achieve High
Frequency PWM Dimming
Built in Thermal Shutdown Function
Under Voltage Lockout
Applications
7’ to 10’ LCD Panels
Digital Photo Frame
GPS Receiver
Figure 1. Package Type of AP3032
SOT-23-6


Similar Part No. - AP3032

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3032 DIODES-AP3032 Datasheet
482Kb / 13P
WHITE LED STEP-UP CONVERTER
Dec. 2012 Rev. 1. 2
AP3032KTR-G1 DIODES-AP3032KTR-G1 Datasheet
482Kb / 13P
WHITE LED STEP-UP CONVERTER
Dec. 2012 Rev. 1. 2
More results

Similar Description - AP3032

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com