Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPIS43LS Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIS43LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS43LS Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NPIS43LS Datasheet HTML 3Page - NIC-Components Corp. NPIS43LS Datasheet HTML 4Page - NIC-Components Corp. NPIS43LS Datasheet HTML 5Page - NIC-Components Corp. NPIS43LS Datasheet HTML 6Page - NIC-Components Corp. NPIS43LS Datasheet HTML 7Page - NIC-Components Corp. NPIS43LS Datasheet HTML 8Page - NIC-Components Corp. NPIS43LS Datasheet HTML 9Page - NIC-Components Corp. NPIS43LS Datasheet HTML 10Page - NIC-Components Corp. NPIS43LS Datasheet HTML 11Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 48 (4.0 x 4.0 x 1.8mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS48LS1R0YTRF
1.0
±30%
100KHz, 1V
0.025
4.8
2
80
NPIS48LS2R2MTRF
2.2
±20%
100KHz, 1V
0.045
2.7
1.65
52
NPIS48LS3R3MTRF
3.3
±20%
100KHz, 1V
0.07
2.45
1.23
44
NPIS48LS4R7MTRF
4.7
±20%
100KHz, 1V
0.09
1.7
1.2
34
NPIS48LS6R8MTRF
6.8
±20%
100KHz, 1V
0.11
1.45
1.06
29
NPIS48LS100MTRF
10
±20%
100KHz, 1V
0.18
1.3
0.84
24
NPIS48LS150MTRF
15
±20%
100KHz, 1V
0.25
0.94
0.65
19
NPIS48LS220MTRF
22
±20%
100KHz, 1V
0.36
0.8
0.59
16
NPIS48LS330MTRF
33
±20%
100KHz, 1V
0.53
0.65
0.49
12
NPIS48LS470MTRF
47
±20%
100KHz, 1V
0.65
0.57
0.42
10
NPIS48LS680MTRF
68
±20%
100KHz, 1V
1
0.47
0.32
8.3
NPIS48LS101MTRF
100
±20%
100KHz, 1V
1.75
0.4
0.25
6.5
NPIS48LS151MTRF
150
±20%
100KHz, 1V
2.5
0.31
0.22
5.5
NPIS48LS221MTRF
220
±20%
100KHz, 1V
4
0.27
0.17
4
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS48LS Size
NPIS__LS Series
NPIS Shielded Power Inductors
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com