Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7219 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA7219 Datasheet HTML 1Page - Dialog Semiconductor DA7219 Datasheet HTML 2Page - Dialog Semiconductor DA7219 Datasheet HTML 3Page - Dialog Semiconductor DA7219 Datasheet HTML 4Page - Dialog Semiconductor DA7219 Datasheet HTML 5Page - Dialog Semiconductor DA7219 Datasheet HTML 6Page - Dialog Semiconductor DA7219 Datasheet HTML 7Page - Dialog Semiconductor DA7219 Datasheet HTML 8Page - Dialog Semiconductor DA7219 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec-2015
1 of 123
© 2015 Dialog Semiconductor
General description
The DA7219 is an audio codec with Advanced Accessory Detection (AAD).
DA7219 contains a mono microphone to ADC path, and a stereo DAC to HP path.
The AAD block supports three-pole (headphone) and four-pole (headset) jacks, and allows the
automatic pin order switching of MIC/GND on CTIA or OMTP headsets. It also supports automatic
button detection.
Key features
High performance mono microphone to ADC
record path with 90 dB SNR
ADC digital filters with audio and voice
mode high-pass characteristics
A low-noise microphone bias regulator
with programmable output
High performance stereo DAC to headphone
playback path with 100 dB SNR
DAC digital filters with audio and voice
mode
high-pass
cut-off
and
5-band
equaliser
Advanced Accessory Detection supports
Three/four pole jack detection
MIC/GND polarity switching
Multiple button detection
Headphone impedance testing
A microphone input with ALC (automatic
level control)
Digital Sidetone path with gain
Digital tone generator
System controller for simplified pop-free
start-up and shutdown
Single interface 24 kHz ADC/48 kHz DAC
mixed sample rates supported
Shutdown mode for very low current
consumption during standby
Phase locked loop with sample rate
tracking to generate system clock
4-wire digital audio interface with support
for I2S, TDM and other audio formats
2-wire I2C compatible with support for
High Speed mode up to 3.4 MHz
WL-CSP RouteEasy™ package for low
cost PCB manufacture
Applications
Chromebooks
Portable audio applications
Tablets and eBooks
Headphone accessories
Remote controllers
Gaming controllers


Similar Part No. - DA7219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
Audio Codec with Advanced Accessory Detect
24-Dec-2021
DA7219-02VB6 RENESAS-DA7219-02VB6 Datasheet
1Mb / 129P
Audio Codec with Advanced Accessory Detect
24-Dec-2021
DA7219-02VBA RENESAS-DA7219-02VBA Datasheet
1Mb / 129P
Audio Codec with Advanced Accessory Detect
24-Dec-2021
More results

Similar Description - DA7219

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
UDA1343TT PHILIPS-UDA1343TT Datasheet
148Kb / 36P
Economy audio CODEC with features
2000 Jan 12
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
Digital Audio Processor With Codec
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
Monaural audio interface with CODEC
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
DIgital Audio Processor With Codec
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
Audio Codec with Advanced Accessory Detect
24-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com