Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC61CC0902LL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC61CC0902LL
Description  Low Voltage Detectors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CC0902LL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC61CC0902LL Datasheet HTML 1Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 2Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 3Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 4Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 5Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 6Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 7Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 8Page - Torex Semiconductor XC61CC0902LL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/19
XC61C Series
1 VSS
2 NC
3 VOUT
NC 6
VIN 5
NC 4
PIN NUMBER
SSOT-24 SOT-23 SOT-25 SOT-89 TO-92 (T) TO-92 (L) USP-6B USP-6C USP-4
PIN NAME
FUNCTION
2
3
2
2
2
1
5
5
4
VIN
Supply Voltage
tI
t
4
2
3
3
3
2
1
1
2
VSS
Ground
1
1
1
1
1
3
3
3
1
VOUT
Output
3
-
4, 5
-
-
-
2,4,6
2,4,6
3
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
①
Output Configuration
N
: N-ch open drain output
: e.g.0.9V → ②0, ③9
② ③
Detect Voltage
08 ~ 60
: e.g.1.5V → ②1, ③5
④
Output Delay
0
: No delay
1
: Within ±1%
⑤
Detect Accuracy
2
: Within ±2%
N
: SSOT-24 (SC-82)
M
: SOT-23
P
: SOT-89
S
: SOT-25
T
: TO-92 (Standard)
L
: TO-92 (Custom pin configuration)
D
: USP-6B
E
: USP-6C
⑥
Package
G
: USP-4
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper type (TO-92)
⑦
Device Orientation
B
: Bag (TO-92)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC61C①②③④⑤⑥⑦
*Please use the circuit without connecting
the heat dissipation pad. If the pad needs
to be connected to other pins, it should be
connected to the VIN pin.
USP-6C
(BOTTOM VIEW)
3 NC
4 VIN
VSS
2
VOUT
1
USP-4
(
BOTTOM VIEW)
SOT-25
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com