Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGA751N7 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BGA751N7
Description  SiGe Bipolar 3G/3.5G/4G Single-Band LNA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA751N7 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BGA751N7 Datasheet HTML 17Page - Infineon Technologies AG BGA751N7 Datasheet HTML 18Page - Infineon Technologies AG BGA751N7 Datasheet HTML 19Page - Infineon Technologies AG BGA751N7 Datasheet HTML 20Page - Infineon Technologies AG BGA751N7 Datasheet HTML 21Page - Infineon Technologies AG BGA751N7 Datasheet HTML 22Page - Infineon Technologies AG BGA751N7 Datasheet HTML 23Page - Infineon Technologies AG BGA751N7 Datasheet HTML 24Page - Infineon Technologies AG BGA751N7 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
BGA751N7
SiGe Bipolar 3G/3.5G/4G Single-Band LNA
Electrical Characteristics
Data Sheet
21
Revision 3.1, 2013-01-31
2.17
Measured Performance Band 13 Application Low Gain Mode vs. Frequency
T
A =25°C, VCC =2.8 V, VGS =0V, VEN =2.8 V, RREF =5.6 kΩ
Power Gain
|S
21|= f ( f )
Power Gain wideband
|S
21|=f ( f )
Matching |
S
11|=f ( f ), |S22|=f ( f )
Noise Figure
NF =f ( f )
0.74
0.745
0.75
0.755
0.76
0.765
0.77
−13
−12
−11
−10
−9
−8
−7
Frequency [GHz]
0
1
2
3
4
5
6
7
8
−60
−50
−40
−30
−20
−10
0
Frequency [GHz]
0.74
0.745
0.75
0.755
0.76
0.765
0.77
−30
−25
−20
−15
−10
−5
0
Frequency [GHz]
S
11
S
22
0.74
0.745
0.75
0.755
0.76
0.765
0.77
5
6
7
8
9
10
11
Frequency [GHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com