Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACST8-8CT Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST8-8CT
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8CT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST8-8CT Datasheet HTML 2Page - STMicroelectronics ACST8-8CT Datasheet HTML 3Page - STMicroelectronics ACST8-8CT Datasheet HTML 4Page - STMicroelectronics ACST8-8CT Datasheet HTML 5Page - STMicroelectronics ACST8-8CT Datasheet HTML 6Page - STMicroelectronics ACST8-8CT Datasheet HTML 7Page - STMicroelectronics ACST8-8CT Datasheet HTML 8Page - STMicroelectronics ACST8-8CT Datasheet HTML 9Page - STMicroelectronics ACST8-8CT Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACST8
7/10
Figure 17: Ordering Information Scheme
Figure 14: Relative variation of critical rate of
decrease of main current versus junction
temperature
Figure 15: Relative variation of static dV/dt
versus junction temperature
Figure 16: Surge peak on-state current versus
number of cycles
0
1
2
3
4
5
6
0
25
50
75
100
125
(dI/dt)c[T ] /
j
(dI/dt)c[T =125°C]
j
Tj(°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
Vout=550V
dV/dt[T ] /
j
dV/dt[T =125°C]
j
Tj(°C)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(Cu)(cm²)
R
(°C/W)
th(j-a)
ACS T 8 - 8 C FP
AC Switch
Topology
RMS on-state current
Repetitive peak off-state voltage
Triggering gate current
Package
T = Triac
8 = 8A
8 = 800V
C = 30mA
FP = TO-220FPAB
CT = TO-220AB
CG = D PAK
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com