Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7758 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 38Page - Analog Devices ADE7758 Datasheet HTML 39Page - Analog Devices ADE7758 Datasheet HTML 40Page - Analog Devices ADE7758 Datasheet HTML 41Page - Analog Devices ADE7758 Datasheet HTML 42Page - Analog Devices ADE7758 Datasheet HTML 43Page - Analog Devices ADE7758 Datasheet HTML 44Page - Analog Devices ADE7758 Datasheet HTML 45Page - Analog Devices ADE7758 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
ADE7758
Rev. A | Page 42 of 68
START
CALIBRATE IRMS
OFFSET
CALIBRATE VRMS
OFFSET
MUST BE DONE
BEFORE VA GAIN
CALIBRATION
WATT AND VA
CAN BE CALIBRATED
SIMUTANEOUSLY @
PF = 1 BECAUSE THEY
HAVE SEPARATE PULSE OUTPUTS
ALL
PHASES
VA AND WATT
GAIN CAL?
YES
NO
SET UP PULSE
OUTPUT FOR
A, B, OR C
CALIBRATE
WATT AND VA
GAIN @ PF = 1
ALL
PHASES
GAIN CAL
VAR?
YES
NO
SET UP FOR
PHASE
A, B, OR C
CALIBRATE
VAR GAIN
@ PF = 0
ALL
PHASES
PH CAL?
YES
NO
SET UP PULSE
OUTPUT FOR
A, B, OR C
CALIBRATE
PHASE
@ PF = 0.5
ALL PH VAR
OFFSET
CAL?
YES
NO
SET UP PULSE
OUTPUT FOR
A, B, AND C
CALIBRATE
VAR OFFSET
@ IMIN
ALL PH
WATT OFFSET
CAL?
YES
NO
SET UP PULSE
OUTPUT FOR
A, B, AND C
CALIBRATE
WATT OFFSET
@ IMIN
END
Figure 76. Calibration Using Pulse Output
Gain Calibration Using Pulse Output
Gain calibration is used for meter-to-meter gain adjustment,
APCF or VARCF output rate calibration, and determining the
Wh/LSB, VARh/LSB, and VAh/LSB constant. The registers used
for watt gain calibration are CFNUM (0x45), CFDEN (0x46),
and xWG (0x2A to 0x2C). Equations 32 through 34 show how
these registers affect the Wh/LSB constant and the APCF
pulses. For calibrating VAR gain, the registers in Equations 32
through 34 should be replaced by VARCFNUM (0x47),
VARCFDEN (0x48), and xVARG (0x2D to 0x2F). For VAGAIN,
they should be replaced by VARCFNUM (0x47), VARCFDEN
(0x48), and xVAG (0x30 to 0x32).
Figure 77 shows the steps for gain calibration of watts, VA, or
VAR using the pulse outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com