Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7301ARM Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7301ARM
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7301ARM Datasheet HTML 6Page - Analog Devices ADT7301ARM Datasheet HTML 7Page - Analog Devices ADT7301ARM Datasheet HTML 8Page - Analog Devices ADT7301ARM Datasheet HTML 9Page - Analog Devices ADT7301ARM Datasheet HTML 10Page - Analog Devices ADT7301ARM Datasheet HTML 11Page - Analog Devices ADT7301ARM Datasheet HTML 12Page - Analog Devices ADT7301ARM Datasheet HTML 13Page - Analog Devices ADT7301ARM Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADT7301
Preliminary Technical Data
Rev. PrJ | Page 14 of 14
ORDERING GUIDE
Model
Temperature Range
Temperature
Accuracy1
Package
Description
Samples Branding
Information
Package
Option
ADT7301ART-500RL7
−40°C to +150°C
±1°C
6-Lead SOT-23
TCS
RJ-6
ADT7301ART-REEL7
−40°C to +150°C
±1°C
6-Lead SOT-23
TCS
RJ-6
ADT7301ART-REEL
−40°C to +150°C
±1°C
6-Lead SOT-23
TCS
RJ-6
ADT7301ARM
−40°C to +150°C
±1°C
8-Lead MSOP
TCS
RM-8
ADT7301ARM-REEL7
−40°C to +150°C
±1°C
8-Lead MSOP
TCS
RM-8
ADT7301ARM-REEL
−40°C to +150°C
±1°C
8-Lead MSOP
TCS
RM-8
ADT7301ARTZ-500RL72
−40°C to +150°C
±1°C
6-Lead SOT-23
RJ-6
ADT7301ARTZ-REEL72
−40°C to +150°C
±1°C
6-Lead SOT-23
RJ-6
ADT7301ARTZ-REEL2
−40°C to +150°C
±1°C
6-Lead SOT-23
RJ-6
ADT7301ARMZ2
−40°C to +150°C
±1°C
8-Lead MSOP
RM-8
ADT7301ARMZ-REEL72
−40°C to +150°C
±1°C
8-Lead MSOP
RM-8
ADT7301ARMZ-REEL2
−40°C to +150°C
±1°C
8-Lead MSOP
RM-8
1 Temperature accuracy is over 0°C to 70°C temperature range.
2 Pb-free models.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR02884-0-8/04(PrJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com