Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4964-2M Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  High Precision Automotive Hall Effect Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 11Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 12Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 13Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TLE4964-2M
Specification
Data Sheet
15
Revision 1.0, 2012-07-20
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 3-3
Definition of Magnetic Field Direction PG-SOT23-3-15
Table 3-5
Magnetic Characteristics
Parameter
Symbol
T (°C)
Values
Unit
Note / Test
Condition
Min.
Typ.
Max.
Operating point
BOP
-40
21.6
30.2
38.8
mT
25
20.0
28.0
36.0
170
16.3
23.1
29.9
Release point
BRP
-40
17.1
24.2
31.2
mT
25
15.9
22.5
29.1
170
12.9
18.6
24.3
Hysteresis
BHYS
-40
4.4
5.9
8.0
mT
25
4.1
5.5
7.5
170
3.4
4.6
6.3
Effective noise value of the
magnetic switching points1)
1) The magnetic noise is normal distributed and can be assumed as nearly independent to frequency without sampling noise
or digital noise effects. The typical value represents a the rms-value and corresponds therefore to a 1
σ probability of
normal distribution. Consequently a 3
σ value corresponds to 99.7% probability of appearance.
BNeff
25
62
μT
Temperature compensation of
magnetic thresholds2)
2) Not subject to production test, verified by design/characterization.
TC
-1200
ppm/K
Branded Side
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com