Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  High Precision Automotive Hall Effect Latch for 5V Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4963-2M_16 Datasheet HTML 9Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 10Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 11Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 12Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 13Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 14Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 15Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 16Page - Infineon Technologies AG TLE4963-2M_16 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
13
Revision 1.0 2016-01-12
TLE4963-2M
Specification
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 8
Definition of Magnetic Field Direction PG-SOT23-3-15
3) Systematic delay between magnetic threshold reached and output switching.
4) Time from applying VDD = 3.0 V to the sensor until the output is valid.
Table 7
Magnetic Characteristics
Parameter
Symbol T (°C)
Values
Unit
Note / Test
Condition
Min.
Typ.
Max.
Operating point
BOP
-40
3.2
5.7
8.1
mT
25
2.7
5.0
7.3
170
1.6
3.6
5.5
Release point
BRP
-40
-8.1
-5.7
-3.2
mT
25
-7.3
-5.0
-2.7
170
-5.5
-3.6
-1.6
Hysteresis
BHYS
-40
8.1
11.3
14.5
mT
25
7.1
10.0
12.9
170
4.9
7.1
9.3
Effective noise value of the
magnetic switching points1)2)
1) The magnetic noise is normal distributed and can be assumed as nearly independent to frequency without sampling
noise or digital noise effects. The typical value represents the rms-value and corresponds therefore to a 1 σ
probability of normal distribution. Consequently a 3 σ value corresponds to 0.3% probability of appearance.
BNeff
25
39
μT
Temperaturecompensationof
magnetic thresholds2)
2) Not subject to production test, verified by design/characterization.
TC
-2000
ppm/
K
Branded Side
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com