Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGO827/FC0 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGO827/FC0
Description  870 MHz optical receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO827/FC0 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGO827/FC0 Datasheet HTML 1Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 2Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 3Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 4Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 5Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 6Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 7Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 8Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Apr 07
3
Philips Semiconductors
Product specification
870 MHz optical receivers
BGO827; BGO827/FC0;
BGO827/SC0
ORDERING INFORMATION
HANDLING
Fibreglass optical coupling: maximum tensile strength = 5 N; minimum bending radius = 35 mm.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
CHARACTERISTICS
Bandwidth 40 to 870 MHz; VB = 24 V; Tmb =30 °C; ZL =75 Ω.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BGO827
−
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting
holes; optical input; 8 gold-plated in-line leads
SOT115T
BGO827/FC0
−
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting
holes; optical input with connector; 8 gold-plated in-line leads
SOT115X
BGO827/SC0
−
rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting
holes; optical input with connector; 8 gold-plated in-line leads
SOT115Y
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
f
frequency range
40
870
MHz
Tstg
storage temperature
−40
+85
°C
Tmb
operating mounting base temperature
−20
+85
°C
Pin
optical input power
continuous
−
5mW
ESD
ESD sensitivity
human body model;
R = 1.5 k
Ω; C = 100 pF
500
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
responsivity
λ = 1300 nm
BGO827
800
−−
V/W
BGO827/FC0, BGO827/SC0
750
−−
V/W
∆S
responsivity difference
resp at Tmb =85 °C − resp at
Tmb =30 °C; f = 870 MHz
−−50
−
V/W
FL
flatness straight line (peak to
valley)
f = 40 to 870 MHz
−−
1dB
SL
slope straight line
f = 40 to 870 MHz
0
−
2dB
∆SL
slope difference
slope at Tmb =85 °C − slope at
Tmb =30 °C
−−0.35
−
dB
s22
output return losses
f = 40 to 870 MHz
11
−−
dB
optical input return losses
45
−−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com