Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C63411-PVC Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CY7C63411-PVC
Description  Low-speed USB Peripheral Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63411-PVC Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CY7C63411-PVC Datasheet HTML 25Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 26Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C63411-PVC Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
CY7C63411/12/13
CY7C63511/12/13
CY7C63612/13
FOR
FOR
Document #: 38-08027 Rev. **
Page 29 of 36
17.0
Absolute Maximum Ratings
Storage Temperature ..........................................................................................................................................–65°C to +150°C
Ambient Temperature with Power Applied ...............................................................................................................–0°C to +70°C
Supply Voltage on VCC relative to VSS.................................................................................................................... –0.5V to +7.0V
DC Input Voltage........................................................................................................................................... –0.5V to +VCC+0.5V
DC Voltage Applied to Outputs in High Z State ........................................................................................... –0.5V to + VCC+0.5V
Max. Output Current into Port 0,1,2,3 and DAC[1:0] Pins ................................................................................................... 60 mA
Max. Output Current into DAC[7:2] Pins ............................................................................................................................. 10 mA
Power Dissipation ..............................................................................................................................................................300 mW
Static Discharge Voltage .................................................................................................................................................. > 2000V
Latch-up Current ........................................................................................................................................................... > 200 mA
End Point Mode
PID
Set End Point Mode
3
2
1
0
token
count
buffer
dval
DTOG
DVAL
COUNT
Setup
In
Out
ACK
3
2 1 0 response
int
0
0
1
0
Out
!=2
UC
valid
updates
1
updates
UC
UC
1
UC
0
0 1 1 Stall
yes
00
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC
UC
UC
U
C
U
C
U
C
U
C ignore
no
0
0
1
0
Out
x
UC
invalid
UC
UC
UC
UC
UC
UC
UC
U
C
U
C
U
C
U
C ignore
no
0
0
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
0
0 1 1 Stall
yes
Out endpoint
Normal Out/erroneous In
1
0
0
1
Out
<= 10
data
valid
updates
1
updates
UC
UC
1
1
1
0 0 0 ACK
yes
1
0
0
1
Out
> 10
junk
x
updates
updates
updates
UC
UC
1
UC
NoChange
ignore
yes
1
0
0
1
Out
x
junk
invalid
updates
0
updates
UC
UC
1
UC
NoChange
ignore
yes
1
0
0
1
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
NAK Out/erroneous In
1
0
0
0
Out
<= 10
UC
valid
UC
UC
UC
UC
UC
1
UC
NoChange
NAK
yes
1
0
0
0
Out
> 10
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
0
0
0
Out
x
UC
invalid
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
0
0
0
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
Isochronous endpoint (Out)
0
1
0
1
Out
x
updates
updates
updates
updates
updates
UC
UC
1
1
NoChange
RX
yes
0
1
0
1
In
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
In endpoint
Normal In/erroneous Out
1
1
0
1
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
1
0
1
In
x
UC
x
UC
UC
UC
UC
1
UC
1
1
1 0 0 ACK (back)
yes
NAK In/erroneous Out
1
1
0
0
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
1
1
0
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange
NAK
yes
Isochronous endpoint (In)
0
1
1
1
Out
x
UC
x
UC
UC
UC
UC
UC
UC
UC
NoChange
ignore
no
0
1
1
1
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange
TX
yes
Table 16-3. Details of Modes for Differing Traffic Conditions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com