Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C63412-PVC Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CY7C63412-PVC
Description  Low-speed USB Peripheral Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63412-PVC Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CY7C63412-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C63412-PVC Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
CY7C63411/12/13
CY7C63511/12/13
CY7C63612/13
FOR
FOR
Document #: 38-08027 Rev. **
Page 32 of 36
.
Figure 19-1. Clock Timing
Figure 19-2. USB Data Signal Timing
Figure 19-3. Receiver Jitter Tolerance
CLOCK
tCYC
tCL
tCH
90%
10%
90%
10%
D
−
D
+
tr
tf
Vcrs
Voh
Vol
Differential
Data Lines
Paired
Transitions
N * T
PERIOD + TJR2
T
PERIOD
Consecutive
Transitions
N * T
PERIOD + TJR1
T
JR
T
JR1
T
JR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com