Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C63513-PVC Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CY7C63513-PVC
Description  Low-speed USB Peripheral Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63513-PVC Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CY7C63513-PVC Datasheet HTML 26Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C63513-PVC Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CY7C63411/12/13
CY7C63511/12/13
CY7C63612/13
FOR
FOR
Document #: 38-08027 Rev. **
Page 30 of 36
18.0
DC Characteristics
Fosc = 6 MHz; Operating Temperature = 0 to 70°C
Parameter
Min.
Max.
Unit
Conditions
General
VCC (1)
Operating Voltage
4.0
5.5
V
Non USB activity (note 3)
VCC (2)
Operating Voltage
4.35
5.25
V
USB activity (note 4)
ICC1
VCC Operating Supply Current
40
mA
VCC = 5.5V
ICC2
VCC = 4.35V
15
mA
ISB1
Supply Current - Suspend Mode
30
µA
Oscillator off, D– > Voh min
VPP
Programming Voltage (disabled)
–0.4
0.4
V
Tstart
Resonator Start-up Interval
256
µs
Vcc = 5.0V, ceramic resonator
tint1
Internal Timer #1 Interrupt Period
128
128
µs
tint2
Internal Timer #2 Interrupt Period
1.024
1.024
ms
twatch
Watch Dog Timer Period
8.192
14.33
ms
Iil
Input Leakage Current
1
µA
Any pin
Ism
Max ISS IO Sink Current
60
mA
Cumulative across all ports (note 10)
Power-On Reset
tvccs
VCC Reset Slew
0.001
200
ms
Linear ramp: 0 to 4.35V (notes 6,7)
USB Interface
Voh
Static Output HIGH
2.8
3.6
V
15k ± 5% ohms to Gnd (note 4)
Vol
Static Output LOW
0.3
V
Vdi
Differential Input Sensitivity
0.2
V
|(D+)–(D–)|
Vcm
Differential Input Common Mode Range
0.8
2.5
V
9-1
Vse
Single-Ended Receiver Threshold
0.8
2.0
V
Cin
Transceiver Capacitance
20
pF
Ilo
Hi-Z State Data Line Leakage
–10
10
µA0 V < V
in<3.3 V
Rpu
Bus Pull-up Resistance (VCC option)
7.35K
7.65
k
Ω
7.5 k
Ω ± 2% to V
CC (note 13)
Rpu
Bus Pull-up Resistance (Ext. 3.3V option)
1.425
1.575
k
Ω
1.5 k
Ω ± 5% to 3.0–3.6V
Rpd
Bus Pull-down Resistance
14.25
15.75
k
Ω
15 k
Ω ± 5%
General Purpose I/O Interface
Rup
Pull-up Resistance
4.9K
9.1K
Ohms
Vith
Input Threshold Voltage
45%
65%
VCC
All ports, LOW to HIGH edge
VH
Input Hysteresis Voltage
6%
12%
VCC
All ports, HIGH to LOW edge
Iol
Sink Current
7.2
16.5
mA
Port 3, Vout = 1.0V (note 3)
Iol
Sink Current
3.5
10.6
mA
Port 0,1,2, Vout = 2.0V (note 3)
Ioh
Source Current
1.4
7.5
mA
Voh = 2.4V (all ports 0,1,2,3) (note 3)
DAC Interface
Rup
Pull-up Resistance
8.0K
20.0K
Ohms
(note 14)
Isink0(0)
DAC[7:2] Sink Current (0)
0.1
0.3
mA
Vout = 2.0 V DC (note 4,14)
Isink0(F)
DAC[7:2] Sink Current (F)
0.5
1.5
mA
Vout = 2.0 V DC (note 4,14)
Isink1(0)
DAC[1:0] Sink Current (0)
1.6
4.8
mA
Vout = 2.0 V DC (note 4,14)
Isink1(F)
DAC[1:0] Sink Current (F)
8
24
mA
Vout = 2.0 V DC (note 4,14)
Irange
Programmed Isink Ratio: max/min
4
6
Vout = 2.0 V DC (notes 4,11,14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com