Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM9081 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DM9081
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9081 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DM9081 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DM9081
20
Final
Version: DM9081-DS-F01
April 22, 1997
Power Plane
The board power planes must be separated into analog and
digital portions. The +5V and ground planes can be laid
out according to the configuration shown in Figure 8. The
analog portion should be located under the analog power
pins of the DM9081 chip and the AUI logic. The digital
portion should be located close enough to the 10BASE-T
filter to attach a 0.1mF capacitor to the filter ground pin.
Extending the digital power plane under the 10BASE-T
filter is not recommended. The analog and digital power
planes should be connected at a single point with either a
1.8-2.2
Ω or 120Z ferrite bead. In the diagram below, a
47mF capacitor is used in parallel with a 0.1mF capacitor
to connect the analog and digital planes. Shielded RJ-45
connectors are recommended. The shielded pins should be
tied to the frame ground. Depending on the characteristics
of the 10BASE-T filter, either the frame ground or a void
in the planes should be extended under the filters. Consult
the filter manufacturer to determine if the frame ground is
needed to minimize the effects of cross-talk within the
filters.
Figure 8. DM9081 Device Power Plane Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com