Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTV1500LFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # DTV1500LFP
Description  (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500LFP Datasheet(HTML) 4 Page - STMicroelectronics

  DTV1500LFP Datasheet HTML 1Page - STMicroelectronics DTV1500LFP Datasheet HTML 2Page - STMicroelectronics DTV1500LFP Datasheet HTML 3Page - STMicroelectronics DTV1500LFP Datasheet HTML 4Page - STMicroelectronics DTV1500LFP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DTV1500LFP
4/5
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
50
dIF/dt(A/µs)
VFP(V)
IF=IF(av)
90% confidence
Tj=125°C
Fig. 7: Transient peak forward voltage versus
dIF/dt
0
20
40
60
80
100
120
140
200
250
300
350
400
450
500
550
600
650
700
dIF/dt(A/µs)
tfr(ns)
IF=IF(av)
90% confidence
Tj=125°C
Vfr=3V
Fig. 8: Forward recovery time versus dIF/dt
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj(°C)
VFP,IRM,Qrr[Tj]/VFP,IRM,Qrr[Tj=125°C]
VFP
IRM
Qrr
Fig. 9: Dynamic parameters versus junction tem-
perature
1
10
100
200
1
10
50
VR(V)
C(pF)
Tj=25°C
F=1MHz
Fig. 10: Junction capacitance versus reverse volt-
age applied (typical values)
1E-2
1E-1
1E+0
1E+1
0.1
0.2
0.5
1.0
t(s)
K=[Zth(j-c)/Rth(j-c)]
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 11: Relative variation of thermal impedance
junction to case versus pulse duration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com