Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFS-0703MC Datasheet(PDF) 2 Page - Copal Electronics

Part # CFS-0703MC
Description  SLIDE SWITCHES (FULL PITCH)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0703MC Datasheet(HTML) 2 Page - Copal Electronics

  CFS-0703MC Datasheet HTML 1Page - Copal Electronics CFS-0703MC Datasheet HTML 2Page - Copal Electronics CFS-0703MC Datasheet HTML 3Page - Copal Electronics CFS-0703MC Datasheet HTML 4Page - Copal Electronics CFS-0703MC Datasheet HTML 5Page - Copal Electronics CFS-0703MC Datasheet HTML 6Page - Copal Electronics CFS-0703MC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Flat knob · non-washable type (Without seal tape)
Flat knob · washable type (With seal tape)
■ LIST OF PART NUMBERS
No. of bits
2
1
3
4
5
6
7
8
9
10
Form of packaging
Pieces in package
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
CFS-0101TA
CFS-0101TB
CFS-0100TA
CFS-0100TB
1000 pcs/reel
CFS-0101MA
CFS-0101MB
CFS-0101MC
CFS-0100MA
CFS-0100MB
CFS-0100MC
118 pcs./stick
CFS-0201TA
CFS-0201TB
CFS-0200TA
CFS-0200TB
1000 pcs./reel
CFS-0201MA
CFS-0201MB
CFS-0201MC
CFS-0200MA
CFS-0200MB
CFS-0200MC
72 pcs./stick
CFS-0301TA
CFS-0301TB
CFS-0300TA
CFS-0300TB
1000 pcs./reel
CFS-0301MA
CFS-0301MB
CFS-0301MC
CFS-0300MA
CFS-0300MB
CFS-0300MC
52 pcs./stick
CFS-0401TA
CFS-0401TB
CFS-0400TA
CFS-0400TB
1000 pcs./reel
CFS-0401MA
CFS-0401MB
CFS-0401MC
CFS-0400MA
CFS-0400MB
CFS-0400MC
40 pcs./stick
CFS-0501TA
CFS-0501TB
CFS-0500TA
CFS-0500TB
1000 pcs./reel
CFS-0501MA
CFS-0501MB
CFS-0501MC
CFS-0500MA
CFS-0500MB
CFS-0500MC
32 pcs./stick
CFS-0601TA
CFS-0601TB
CFS-0600TA
CFS-0600TB
1000 pcs./reel
CFS-0601MA
CFS-0601MB
CFS-0601MC
CFS-0600MA
CFS-0600MB
CFS-0600MC
28 pcs./stick
CFS-0701TA
CFS-0701TB
CFS-0700TA
CFS-0700TB
1000 pcs./reel
CFS-0701MA
CFS-0701MB
CFS-0701MC
CFS-0700MA
CFS-0700MB
CFS-0700MC
24 pcs./stick
CFS-0801TA
CFS-0801TB
CFS-0800TA
CFS-0800TB
1000 pcs./reel
CFS-0801MA
CFS-0801MB
CFS-0801MC
CFS-0800MA
CFS-0800MB
CFS-0800MC
20 pcs./stick
CFS-0901TA
CFS-0901TB
CFS-0900TA
CFS-0900TB
1000 pcs./reel
CFS-0901MA
CFS-0901MB
CFS-0901MC
CFS-0900MA
CFS-0900MB
CFS-0900MC
18 pcs./stick
CFS-1001TA
CFS-1001TB
CFS-1000TA
CFS-1000TB
1000 pcs./reel
CFS-1001MA
CFS-1001MB
CFS-1001MC
CFS-1000MA
CFS-1000MB
CFS-1000MC
16 pcs./stick
Structure
CFS
SLIDE SWITCHES (FULL PITCH)
Convex knob of 0.6 mm · non-washable type (Without seal tape)
Convex knob of 1 mm · non-washable type (Without seal tape)
No. of bits
2
1
3
4
5
6
7
8
9
10
Form of packaging
Pieces in package
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
Taping
Magazine
CFS-0102TA
CFS-0102TB
CFS-0103TB
800 pcs./reel
CFS-0102MA
CFS-0102MB
CFS-0102MC
CFS-0103MB
CFS-0103MC
118 pcs./stick
CFS-0202TA
CFS-0202TB
CFS-0203TB
800 pcs./reel
CFS-0202MA
CFS-0202MB
CFS-0202MC
CFS-0203MB
CFS-0203MC
72 pcs./stick
CFS-0302TA
CFS-0302TB
CFS-0303TB
800 pcs./reel
CFS-0302MA
CFS-0302MB
CFS-0302MC
CFS-0303MB
CFS-0303MC
52 pcs./stick
CFS-0402TA
CFS-0402TB
CFS-0403TB
800 pcs./reel
CFS-0402MA
CFS-0402MB
CFS-0402MC
CFS-0403MB
CFS-0403MC
40 pcs./stick
CFS-0502TA
CFS-0502TB
CFS-0503TB
800 pcs./reel
CFS-0502MA
CFS-0502MB
CFS-0502MC
CFS-0503MB
CFS-0503MC
32 pcs./stick
CFS-0602TA
CFS-0602TB
CFS-0603TB
800 pcs./reel
CFS-0602MA
CFS-0602MB
CFS-0602MC
CFS-0603MB
CFS-0603MC
28 pcs./stick
CFS-0702TA
CFS-0702TB
CFS-0703TB
800 pcs./reel
CFS-0702MA
CFS-0702MB
CFS-0702MC
CFS-0703MB
CFS-0703MC
24 pcs./stick
CFS-0802TA
CFS-0802TB
CFS-0803TB
800 pcs./reel
CFS-0802MA
CFS-0802MB
CFS-0802MC
CFS-0803MB
CFS-0803MC
20 pcs./stick
CFS-0902TA
CFS-0902TB
CFS-0903TB
800 pcs./reel
CFS-0902MA
CFS-0902MB
CFS-0902MC
CFS-0903MB
CFS-0903MC
18 pcs./stick
CFS-1002TA
CFS-1002TB
CFS-1003TB
800 pcs./reel
CFS-1002MA
CFS-1002MB
CFS-1002MC
CFS-1003MB
CFS-1003MC
16 pcs./stick
Structure
: Not manufactured
※ Verify the above part numbers when placing orders.
Taping and magazine version can be supplied only in reel or stick units.
B
(Gull wing)
A
(J-hook)
C
(Through hole pin)
B
(Gull wing)
A
(J-hook)
C
(Through hole pin)
B
(Gull wing)
B
(Gull wing)
A
(J-hook)
C
(Through hole pin)
C
(Through hole pin)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com