Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP-1010MB Datasheet(PDF) 3 Page - Copal Electronics

Part # CYP-1010MB
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CYP-1010MB Datasheet(HTML) 3 Page - Copal Electronics

  CYP-1010MB Datasheet HTML 1Page - Copal Electronics CYP-1010MB Datasheet HTML 2Page - Copal Electronics CYP-1010MB Datasheet HTML 3Page - Copal Electronics CYP-1010MB Datasheet HTML 4Page - Copal Electronics CYP-1010MB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYP
PIANO SWITCHES (FULL PITCH)
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230
℃
Pre Heating Zone
180 C
(
℃)
250
200
150
100
50
150 C
90±30 s
30±10 s
Soldering Zone
Heating time
℃
+5
0
O Flat lever, Gull wing
O Convex lever, Gull wing
O Flat lever, Through hole pin
O Convex lever, Through hole pin
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
Part number
CYP-02
CYP-04
CYP-06
CYP-08
CYP-10
Schematic
No. of bits.
2
4
6
8
10
L dimension
6.48
11.56
16.64
21.72
26.8
L
1.4
0.25
20
+0.10
–0.05
L
2
2.54±0.15
Date code
1.4
+0.10
–0.05
1.4
0.25
20
+0.10
–0.05
L
2
2.54±0.15
0.5
+0.10
–0.05
1.4
20
0.8
Date code
2
2.54±0.15
0.5
+0.10
–0.05
Date code
L
1.4
0.25
20
0.8
+0.10
–0.05
2
2.54±0.15
Tape seal
Date code
1.4
+0.10
–0.05
20
0.8
2
2.54±0.15
Tape seal
Date code
0.5
+0.10
–0.05
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com