Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSN2300B Datasheet(PDF) 2 Page - MORE Semiconductor Company Limited

Part # MSN2300B
Description  20V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN2300B Datasheet(HTML) 2 Page - MORE Semiconductor Company Limited

  MSN2300B Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN2300B Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN2300B Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN2300B Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN2300B Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN2300B Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
0.75
1.2
V
VGS=2.5V, ID=2.5A
-
37
59
m
Ω
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=2.9A
-
30
45
m
Ω
Forward Transconductance
gFS
VDS=5V,ID=2.9A
-
8
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
300
-
PF
Output Capacitance
Coss
-
120
-
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
-
80
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
10
15
nS
Turn-on Rise Time
tr
-
50
85
nS
Turn-Off Delay Time
td(off)
-
17
45
nS
Turn-Off Fall Time
tf
VDD=10V,ID=2.9A
VGS=4.5V,RGEN=6Ω
-
10
20
nS
Total Gate Charge
Qg
-
4.0
10
nC
Gate-Source Charge
Qgs
-
0.65
-
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=2.9A,
VGS=4.5V
-
1.2
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=2.9A
-
0.75
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
4
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
≤ 10 sec.
3. Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2 .
%
4. Guaranteed by design, not subject to production
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
22
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
MORE Semiconductor Company Limited
http://www.moresemi.com
2/6
MSN2300B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com