Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP-1012MB Datasheet(PDF) 4 Page - Copal Electronics

Part # CYP-1012MB
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CYP-1012MB Datasheet(HTML) 4 Page - Copal Electronics

  CYP-1012MB Datasheet HTML 1Page - Copal Electronics CYP-1012MB Datasheet HTML 2Page - Copal Electronics CYP-1012MB Datasheet HTML 3Page - Copal Electronics CYP-1012MB Datasheet HTML 4Page - Copal Electronics CYP-1012MB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CYP
PIANO SWITCHES (FULL PITCH)
■ RECOMMENDED P.C.B. PAD DIMENSIONS
(Unit : mm)
■ SIZE OF P.C.B. PROCESSING
(Unit : mm)
■ PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version are packaged in 700 pcs. per reel.
Orders will be accepted for units of 700 pcs., i.e., 700,
1400, 2100 pcs., etc.
O Taping version is boxed with 1 reel.
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the
diagrams below:
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
0
2.54
× (P – 1)
P:No. of bits
0
1.5
2.54
× (P – 1)
P:No. of bits
21
±0.8
13
±0.2
Label
2
±0.5
W2
W1
φ
φ
(Unit: mm)
No. of bits
2
A
φ 330 ± 2
W1
W2
N
17.4 ± 1
33.4 ± 1
45.4 ± 1
21.4 ± 1
25.4 ± 1
29.4 ± 1
φ 80 ± 1
37.4 ± 1
49.4 ± 1
4
6
8
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com