Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYP-1010TC Datasheet(PDF) 1 Page - Copal Electronics

Part # CYP-1010TC
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CYP-1010TC Datasheet(HTML) 1 Page - Copal Electronics

  CYP-1010TC Datasheet HTML 1Page - Copal Electronics CYP-1010TC Datasheet HTML 2Page - Copal Electronics CYP-1010TC Datasheet HTML 3Page - Copal Electronics CYP-1010TC Datasheet HTML 4Page - Copal Electronics CYP-1010TC Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ FEATURES
O Low profile design of 5 mm
O Excellent contact stability by twin gold-plated contact
O Washable type available by seal tape
O RoHS compliant
O Fine click action
Part name
①
②
③
④
⑤
⑥
Cover
Lever
Base
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
–
Polyamide
Copper alloy, Gold-plated
INTERNAL STRUCTURE
①
②
⑤
③
④
⑥
O OA equipments, communication devices
O Measurement equipment, FA equipment
■ APPLICATIONS
PIANO SWITCHES (FULL PITCH)
CYP
■ PART NUMBER DESIGNATION
※ Please refer to the LIST OF PART NUMBERS when placing orders.
C Y P - 0 8 0 1 T B
Series name
No. of bits
02:2 bits
04:4 bits
06:6 bits
08:8 bits
10:10 bits
ON direction
0:Upper
1:Lower
Form of packaging
T :Taping (Reel)
M:Magazine
B:Gull wing
C:Through hole pin
Shape of terminal
Structure
0:Flat lever (With seal tape)
1:Flat lever (Without seal tape)
2:Convex lever (Without seal tape)
RoHS compliant


Similar Part No. - CYP-1010TC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0101DXA-BBC CYPRESS-CYP15G0101DXA-BBC Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0101DXA-BBI CYPRESS-CYP15G0101DXA-BBI Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
More results

Similar Description - CYP-1010TC

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
PIANO DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
PIANO SWITCHES(HALF PITCH)
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
Dual In Line Switches - Piano Type
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFS COPAL-CFS Datasheet
502Kb / 7P
SLIDE SWITCHES (FULL PITCH)
CHP COPAL-CHP Datasheet
960Kb / 6P
PIANO SWITCHES (HALF PITCH)
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6FR OMRON-A6FR Datasheet
138Kb / 2P
Box type Through-hole Mounting Piano DIP Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com