Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP0100CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 4 Page - ON Semiconductor

  AP0100CS Datasheet HTML 1Page - ON Semiconductor AP0100CS Datasheet HTML 2Page - ON Semiconductor AP0100CS Datasheet HTML 3Page - ON Semiconductor AP0100CS Datasheet HTML 4Page - ON Semiconductor AP0100CS Datasheet HTML 5Page - ON Semiconductor AP0100CS Datasheet HTML 6Page - ON Semiconductor AP0100CS Datasheet HTML 7Page - ON Semiconductor AP0100CS Datasheet HTML 8Page - ON Semiconductor AP0100CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
General Description
AP0100CS/D Rev. 6, Pub. 1/16 EN
4
©Semiconductor Components Industries, LLC,2016.
General Description
The ON Semiconductor AP0100CS is a high-performance, ultra-low power in-line,
digital image processor optimized for use with HDR (High Dynamic Range) sensors. The
AP0100CS provides full auto-functions support (AWB and AE) and ALTM (Adaptive Local
Tone Mapping) to enhance HDR images and advanced noise reduction which enables
excellent low-light performance.
Functional Overview
Figure 1 shows the typical configuration of the AP0100CS in a camera system. On the
host side, a two-wire serial interface is used to control the operation of the AP0100CS,
and image data is transferred using the analog or parallel interface between the
AP0100CS and the host. The AP0100CS interface to the sensor also uses a parallel inter-
face.
Figure 1:
AP0100CS Connectivity
System Interfaces
Figure 2: “Typical Parallel Configuration,” on page 5 and Figure 3: “Typical HiSPi Config-
uration,” on page 6 show typical AP0100CS device connections.
All power supply rails must be decoupled from ground using capacitors as close as
possible to the package.
The AP0100CS signals to the sensor and host interfaces can be at different supply voltage
levels to optimize power consumption and maximize flexibility. Table 1 on page 9
provides the signal descriptions for the AP0100CS.
1.2Mp HDR Sensor
12-bit parallel
Host
Two-wire serial I/F (CCIM)
Two-wire serial IF (CCIS)
Two-lane HiSPi
or
Analog
NTSC/PAL display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com