| Electronic Components Datasheet Search |
|
AR0237CSSC00SUEAH3-GEVB Datasheet(PDF) 21 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0237CSSC00SUEAH3-GEVB Datasheet(HTML) 21 Page - ON Semiconductor |
|
21 / 38 page ![]() AR0237CS/D Rev. 4, 6/16 EN 21 ©Semiconductor Components Industries, LLC, 2016. AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor Features Overview Table 6: List of Configurable Registers for Context A and Context B Analog/Digital Gains A programmable analog gain of 1.0x to 16x (linear and HDR) applied simultaneously to all color channels will be featured along with a digital gain of 1x to 16x that may be configured on a per color channel basis. Note that with the RGB IR sensor digital gain should only be applied to all color channels equally since with the 4x4 kernel the gains will not be applied to the proper color channel. Analog gain can be applied per exposure in line interleaved mode. Skipping/Binning Modes The AR0237 supports subsampling. Subsampling allows the sensor to read out a smaller set of active pixels by either skipping, binning, or summing pixels within the readout window. Horizontal binning is achieved in the digital readout. The sensor will sample the combined 2x adjacent pixels within the same color plane. Vertical row binning is applied in the pixel readout. Row binning can be configured as 2x rows within the same color plane. Pixel skipping can be configured up to 2x in both the x-direction and y- Context A Context B Register Description Register Description coarse_integration_time coarse_integration_time_cb line_length_pck line_length_pck_cb frame_length_lines frame_length_lines_cb row_bin row_bin_cb col_bin col_bin_cb fine_gain fine_gain_cb coarse_gain coarse_gain_cb coarse_integration_time2 coarse_integration_time2_cb dcg_manual_set dcg_manual_set_cb dcg_manual_set_t1 dcg_manual_set_t1_cb bypass_pix_comb bypass_pix_cb coarse_gain_t1 coarse_gain_t1_cb fine_gain_t1 fine_gain_t1_cb x_addr_start x_addr_start_cb y_addr_start y_addr_start_cb x_addr_end x_addr_end_cb y_addr_end y_addr_end_cb y_odd_inc y_odd_inc_cb x_odd_inc x_odd_inc_cb green1_gain green1_gain_cb blue_gain blue_gain_cb red_gain red_gain_cb green2_gain green2_gain_cb global_gain global_gain_cb operation_mode_ctrl operation_mode_ctrl_cb bypass_pix_comb bypass_pix_comb_cb |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |