Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0134CSSC00SUEAH-GEVB Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0134CSSC00SUEAH-GEVB
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEAH-GEVB Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0134CSSC00SUEAH-GEVB Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 11Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 12Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 13Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 14Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 15Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 16Page - ON Semiconductor AR0134CSSC00SUEAH-GEVB Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
13
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Configuration and Pinout
Table 4:
Pin Descriptions - 48 iLCC Package, Parallel
Pin Number
Name
Type
Description
1DOUT4
Output
Parallel pixel data output.
2DOUT5
Output
Parallel pixel data output.
3DOUT6
Output
Parallel pixel data output.
4VDD_PLL
Power
PLL power.
5
EXTCLK
Input
External input clock.
6DGND
Power
Digital ground.
7DOUT7
Output
Parallel pixel data output.
8DOUT8
Output
Parallel pixel data output.
9DOUT9
Output
Parallel pixel data output.
10
DOUT10
Output
Parallel pixel data output.
11
DOUT11
Output
Parallel pixel data output (MSB).
12
VDD_IO
Power
I/O supply power.
13
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
14
VDD
Power
Digital power.
15
SCLK
Input
Two-Wire Serial clock input.
16
SDATA
I/O
Two-Wire Serial data I/O.
17
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default.
18
VDD_IO
Power
I/O supply power.
19
VDD
Power
Digital power.
20
NC
No connection.
21
NC
No connection.
22
STANDBY
Input
Standby-mode enable pin (active HIGH).
23
OE_BAR
Input
Output enable (active LOW).
24
SADDR
Input
Two-Wire Serial address select.
25
TEST
Input
Manufacturing test enable pin (connect to DGND).
26
FLASH
Output
Flash output control.
27
TRIGGER
Input
Exposure synchronization input.
28
FRAME_VALID
Output
Asserted when DOUT frame data is valid.
29
LINE_VALID
Output
Asserted when DOUT line data is valid.
30
DGND
Power
Digital ground
31
Reserved
n/a
Reserved (do not connect).
32
Reserved
n/a
Reserved (do not connect).
33
Reserved
n/a
Reserved (do not connect).
34
VAA
Power
Analog power.
35
AGND
Power
Analog ground.
36
VAA
Power
Analog power.
37
VAA_PIX
Power
Pixel power.
38
VAA_PIX
Power
Pixel power.
39
AGND
Power
Analog ground.
40
VAA
Power
Analog power.
41
NC
No connection.
42
NC
No connection.
43
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com