Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0237CSSC12SPRAH3-GEVB Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0237CSSC12SPRAH3-GEVB
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRAH3-GEVB Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0237CSSC12SPRAH3-GEVB Datasheet HTML 9Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 10Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 11Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 12Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 13Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 14Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 15Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 16Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
13
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
40
DGND
Power
Digital ground
41
VDD
Power
Digital Power
42
VDD_IO
Power
I/O Power Supply
43
VDD 1V8_PHY
Power
1.8 V supply for HiVcm mode
44
SLSV3P
Output
HiSPi serial data, lane 3, differential P
45
SLVS3N
Output
HiSPi serial data, lane 3, differential N
46
SLVS2P
Output
HiSPi serial data, lane 2, differential P
47
SLVS2N
Output
HiSPi serial data, lane 2, differential N
48
SLVSLCP
Output
HiSPi serial DDR clock differential P
Table 4:
mPLCC HiSPi Pin Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com