Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0134CSSM00SPCAH-GEVB Datasheet(PDF) 37 Page - ON Semiconductor

Part # AR0134CSSM00SPCAH-GEVB
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SPCAH-GEVB Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AR0134CSSM00SPCAH-GEVB Datasheet HTML 30Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 31Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 32Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 33Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 34Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 35Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 36Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 37Page - ON Semiconductor AR0134CSSM00SPCAH-GEVB Datasheet HTML 38Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
37
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Package Dimensions
Figure 26:
48-pin iLCC Package Drawing
Notes:
1. Dimensions in mm. Dimensions in () are for reference only.
Encapsulant: Epoxy.
Substrate material: Plastic laminate 0.5 thickness.
Lid material: Borosilicate glass 0.4 ± 0.04 thickness.
Refractive index at 20C = 1.5255 @ 546nm and 1.5231 @ 588nm.
Double side AR Coating: 530-570nm R< 1%; 420-700nm R < 2%.
Lead finish: Gold plating, 0.5 microns minimum thickness.
Image sensor die: 0.2mm thickness.
Maximum rotation of optical area relative to package edges: 1°.
Maximum tilt of optical area relative to substrate plane
: 25 m.
Maximum tilt of cover glass relative to optical area plane
: 50 m.
ILCC48 10x10
CASE 847AE
ISSUE O
DATE 30 DEC 2014
2
3
4
5
6
7
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com