Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW3602-00 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3602-00
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3602-00 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3602-00 Datasheet HTML 1Page - Dialog Semiconductor IW3602-00 Datasheet HTML 2Page - Dialog Semiconductor IW3602-00 Datasheet HTML 3Page - Dialog Semiconductor IW3602-00 Datasheet HTML 4Page - Dialog Semiconductor IW3602-00 Datasheet HTML 5Page - Dialog Semiconductor IW3602-00 Datasheet HTML 6Page - Dialog Semiconductor IW3602-00 Datasheet HTML 7Page - Dialog Semiconductor IW3602-00 Datasheet HTML 8Page - Dialog Semiconductor IW3602-00 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
iW3602-00
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 0.8 Preliminary
iW3602-00
© 2014 Dialog Semiconductor (UK) Ltd.
Datasheet
4 of 20
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
VIN SECTION (Pin 3)
Start-up current
IINST
VIN = 10V, CVCC = 10µF
10
15
µA
Input impedance
ZIN
TA = 25°C
2.5
kW
VIN Range
VIN
0
1.8
V
VSENSE SECTION (Pin 2)
Input leakage current
IIN(Vsense)
VSENSE = 2V
1
μA
Nominal voltage threshold
VSENSE(NOM) TA = 25°C, negative edge
1.523 1.538 1.553
V
Output OVP threshold
VSENSE(MAX)
TA = 25°C, negative edge
1.65
1.7
1.75
V
OUTPUT SECTION (Pin 7)
Output low level ON-resistance
RDS(ON)LO
ISINK = 5mA
30
W
Output high level ON-resistance
RDS(ON)HI
ISOURCE = 5mA
150
W
Rise time (Note 2)
tR
TA = 25°C, CL = 330pF
10% to 90%
150
ns
Fall time (Note 2)
tF
TA = 25°C, CL = 330 pF
90% to 10
30
ns
Maximum switching frequency (Note 3)
fSW(MAX)
200
kHz
VCC SECTION (Pin 8)
Maximum operating voltage
VCC(MAX)
16
V
Start-up threshold
VCC(ST)
VCC rising
11
12
13
V
Undervoltage lockout threshold
VCC(UVL)
VCC falling
7
7.5
8
V
Operating current
ICCQ
CL = 330pF, VSENSE = 1.5V
4.1
4.7
mA
Zener diode clamp voltage
VZ(CLAMP)
TA = 25°C, IZ = 5mA
18.5
19
20.5
V
ISENSE SECTION (Pin 6)
Over-current limit threshold
VOCP
1.83
1.89
1.95
V
ISENSE short protection reference
VRSNS
0.16
V
CC regulation threshold limit (Note 4)
VREG-TH
1.8
V
VT SECTION (Pin 4)
Power limit high threshold (Note 4)
VP-LIM(HI)
0.56
V
Power limit low threshold (Note 4)
VP-LIM(LO)
0.44
V
VCC = 12V, -40°C ≤ TA ≤ 85°C, unless otherwise specified (Note 1)
6.0 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com