Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW7023 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # IW7023
Description  16-Channel LED Driver for LCD Panel Backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7023 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button IW7023 Datasheet HTML 17Page - Dialog Semiconductor IW7023 Datasheet HTML 18Page - Dialog Semiconductor IW7023 Datasheet HTML 19Page - Dialog Semiconductor IW7023 Datasheet HTML 20Page - Dialog Semiconductor IW7023 Datasheet HTML 21Page - Dialog Semiconductor IW7023 Datasheet HTML 22Page - Dialog Semiconductor IW7023 Datasheet HTML 23Page - Dialog Semiconductor IW7023 Datasheet HTML 24Page - Dialog Semiconductor IW7023 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
iW7023
16-Channel LED Driver for LCD Panel Backlighting
Rev. 1.0
iW7023
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
21 of 35
Definition
Access
Description
Real-Time Update Control Registers (User Operation Mode Based) (cont.)
scan_duty[4:0]
R/W
0: 20%
1: 24%
…..
5: 40% (default)
…..
20: 100% (Any number greater than this results in 100%)
This Scanning Mode dimming ratio may be slightly adjusted by the IC internally
in order to meet the requirement of Tsc being the integer number of the dimming
period (please refer to the Scanning mode timing diagram).
Please note that for thermal reasons, it is not recommended in most cases to use
more than 50% scan duty unless the scan duty SISET value is not set higher than
the Local Dimming (LD) current setting.
pwm_freq[4:0]
R/W
If TV is in NTSC mode:
5-bit PWM dimming frequency setting, adjusting frequency in 20 steps
0 - 19: 120Hz to 2.4kHz with 120Hz per step for 10-bit PWM resolution
0 - 3: 120Hz to 480Hz with 120Hz per step for 12-bit PWM resolution
If TV is in PAL mode:
5-bit PWM dimming frequency setting, adjusting frequency in 24 steps
0 - 23: 100Hz to 2.4kHz with 100Hz per step for 10-bit PWM resolution
0 - 3: 100Hz to 480Hz with 100Hz per step for 12-bit PWM resolution
In TV is in 3D game mode:
5-bit PWM dimming frequency setting, adjusting frequency in 25 steps
0 - 24: 96Hz to 2.4kHz with 96Hz per step for 10-bit PWM resolution
0 - 3: 96Hz to 480Hz with 96Hz per step for 12-bit PWM resolution
The default value is 0
soft_rst
R/W
0: no action (default)
1: perform soft reset,
- all the IC internal registers in synclk clock domain are reset;
- all the IC internal registers in sck clock domain remain in the same
configuration
sw_init_byp
R/W
0: software needs to initialize the One Time registers and User mode before IC
start to calibration (default)
1: bypass software initialization step
pwm_bnk_cfg[1:0]
R/W
0: PWM sampling blank time is 8 clock cycles from the rising edge of PWM
1: PWM sampling blank time is 32 clock cycles from the rising edge of PWM
(default)
2: PWM sampling blank time is 128 clock cycles from the rising edge of PWM
3: PWM sampling blank time is 254 clock cycles from the rising edge of PWM
dis_open_prot
R/W
0: enable OPEN protection (default)
1: disable OPEN protection
12.2 Control Register Bit Field Definitions (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com