Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3988IMF-2.5 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3988IMF-2.5
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3988IMF-2.5 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3988IMF-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LP3988IMF-2.5 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
5-Lead Small Outline Package (MF)
NS Package Number MF05A
Thin micro SMD, 5 bump Package (TLA05)
NS Package Number TLA05AEA
The dimensions for X1, X2 and X3 are as given:
X1 = 1.006mm +/- 0.03mm
X2 = 1.463mm +/- 0.03mm
X3 = 0.6mm +/- 0.075mm
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com