| Electronic Components Datasheet Search |
|
AS4C4M16SA Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C4M16SA Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation |
|
11 / 54 page ![]() AS4C4M16SA - Automotive Confidential 11 Rev. 1.0-63nm Mar. /2014 The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge function should be issued m cycles after the clock edge in which the last data-in element is registered, where m equals tWR/tCK rounded up to the next whole number. In addition, the DQM signals must be used to mask input data, starting with the clock edge following the last data-in element and ending with the clock edge on which the BankPrecharge/PrechargeAll command is entered (refer to the following figure). CLK COMMAND T0 T1 T2 T3 T4 T5 T6 WRITE NOP NOP Precharge NOP NOP Activate NOP T7 DQM Don’t Care ADDRESS Bank Col n Bank (s) ROW tRP DIN n DIN N+1 tWR DQ Note: The LDQM/UDQM can remain low in this example if the length of the write burst is 1 or 2. Figure 13. Write to Precharge 7 Write and AutoPrecharge command (RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "H", A0-A7 = Column Address) The Write and AutoPrecharge command performs the precharge operation automatically after the write operation. Once this command is given, any subsequent command can not occur within a time delay of {(burst length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is performed in this command and the auto precharge function is ignored. CLK DQ T0 T1 T2 T3 T4 T5 T6 DIN A0 DIN A1 T7 T8 COMMAND Bank A Activate NOP NOP WRITE A Auto Precharge NOP NOP NOP NOP NOP T9 Bank A Activate tDAL=tWR+tRP tDAL Begin AutoPrecharge Bank can be reactivated at completion of tDAL Figure 14. Burst Write with Auto-Precharge (Burst Length = 2) 8 Mode Register Set command (RAS# = "L", CAS# = "L", WE# = "L", A0-A11 = Register Data) The mode register stores the data for controlling the various operating modes of SDRAM. The Mode Register Set command programs the values of CAS latency, Addressing Mode and Burst Length in the Mode register to make SDRAM useful for a variety of different applications. The default values of the Mode Register after power-up are undefined; therefore this command must be issued at the power-up sequence. The state of pins A0~A9 and A11 in the same cycle is the data written to the mode register. Two clock cycles are required to complete the write in the mode register (refer to the following figure). The contents of the mode register can be changed using the same command and the clock cycle requirements during operation as long as all banks are in the idle state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |