Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C128M8D2 Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS4C128M8D2
Description  AS4C128M8D2
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M8D2 Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS4C128M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C128M8D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
AS4C128M8D2
Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory Inc. reserves the right to change products or specification without notice.
13
Rev. 1.0
June 2013
 ODT (On Die Termination)
On Die Termination (ODT) is a feature that allows a DRAM to turn on/off termination resistance for each DQ, DQS/DQS#,
RDQS/RDQS#, DM signal via the ODT control pin. The ODT feature is designed to improve signal integrity of the memory
channel by allowing the DRAM controller to independently turn on/off termination resistance for any or all DRAM devices.
The ODT function is supported for ACTIVE and STANDBY modes. It is turned off and not supported in SELF REFRESH mode.
Figure 4. Functional representation of ODT
SW1
Rval1
VDDQ
SW1
Rval1
VSSQ
SW3
Rval3
VDDQ
SW3
Rval3
VSSQ
SW2
Rval2
VDDQ
SW2
Rval2
VSSQ
Input
pin
DRAM
Input
Buffer
Switch (sw1, sw2, sw3) is enabled by ODT pin.
Selection among sw1, sw2, and sw3 is determined by “Rtt (nominal)” in EMR.
Termination included on all DQs, DM, DQS, DQS#, RDQS and RDQS# pins
Table 10. ODT DC Electrical Characteristics
Parameter/Condition
Symbol
Min.
Nom.
Max.
Unit
Note
Rtt effective impedance value for EMRS(A6,A2)=0,1;75Ω
Rtt1(eff)
60
75
90
Ω
1
Rtt effective impedance value for EMRS(A6,A2)=1,0;150Ω
Rtt2(eff)
120
150
180
Ω
1
Rtt effective impedance value for EMRS(A6,A2)=1,1;50Ω
Rtt3(eff)
40
50
60
Ω
1
Rtt mismatch tolerance between any pull-up/pull-down pair
Rtt(mis)
-6
-
6
%
2
NOTE 1: Measurement Definition for Rtt(eff):
Apply VIH (ac) and VIL (ac) to test pin seperately, then measure current I(VIH(ac)) and I(VIL(ac)) respectively.
( )
( )
IH
IL
IH
IL
V ac
V ac
Rtt(eff)=
I(V (ac))-I(V (ac))
NOTE 2: Measurement Defintion for Rtt (mis): Measure voltage (VM) at test pin (midpoint) with no load.
1 100%




DDQ
2xVM
Rtt(mis)=
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com