Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXIS135M Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIS135M
Description  VCXO in DIL8 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS135M Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIS135M Datasheet HTML 1Page - Advanced XTAL Products AXIS135M Datasheet HTML 2Page - Advanced XTAL Products AXIS135M Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXIS135M Rev.1
ww.axtal.com
Roemerring 9
Drawing D1
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Frequency stability vs. temperature
Stability
Lower Temperature
Upper Temperature
Option 3
[ppm]
Option 4
T [°C]
Option 4
T [°C]
10
±10
0
0
A
+50
15
±15
1
-10
B
+60
20
±20
2
-20
C
+70
30
±30
3
-30
D
+75
50
±50
4
-40
E
+80
100
±100
F
+85
Table 1
Table 2
Ordering Code
Model
Option 1
[Supply
Voltage]
Option 2
[RF output]
Option 3
[Stability]
Option 4
[Temperature
range]
Option 5
[Tuning
Range]
Revision
Frequency [MHz]
AXIS135M
3 or 5
S or H
Table 1
Table 2
5, 10, 15 Rev.1
10.000
Example: AXIS135M-5-S-10-1B_Rev.1 – 10.000 MHz
Enclosure drawing
Pin connections
Pin #
Symbol
Function
1
VC
Control Voltage (EFC)
2
GND
Ground
3
RF OUT
RF Output
4
Vs
Supply Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com