Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXPLO100 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXPLO100
Description  Phase-Locked 100 MHz OCXO (PLOCXO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXPLO100 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXPLO100 Datasheet HTML 1Page - Advanced XTAL Products AXPLO100 Datasheet HTML 2Page - Advanced XTAL Products AXPLO100 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXPLO100 Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXPLO100
Rev.: 3
Date: 2015-02-05
Oscillator type:
Phase-Locked 100 MHz OCXO (PLOCXO)
Delivers a low noise output from a 10 MHz reference input signal
Parameter
min.
typ.
max.
Unit
Condition
Nominal output frequency fOUT
100.000
MHz
Note 2
Frequency stability (free running)
frequency tolerance
±1
±2
ppm
vs. operating temperature range
±50
ppb
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±10
ppb
RL ±5%
Long term (aging) per day
±1
ppb
after 30 days operation
Long term (aging) per year
±100
ppb
after 30 days operation
Reference input
Input frequency fREF
10.000
MHz
Note 3
Frequency accuracy
±0.5
ppm
Signal waveform
Sine wave
Input level
0
+13
dBm
Input impedance
50
Ω
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Amplitude
+7
dBm
Note 4
Harmonics
-30
dBc
Phase noise @ 100 MHz (Note 5)
-125
-155
-165
-170
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
Lock detect (LD) output
3.5
0
5
1.5
V
V
Out of lock
Locked
Supply voltage VS
11.4
12.0
12.6
V
Note 6
Current consumption (warm-up)
450
mA
Current consumption (steady state)
200
mA
@ +25°C
Operating temperature range
-10
+60
°C
Enclosure (see drawing) (LxWxH)
54x40x19
mm
h = 2.0
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other output frequency on request with fOUT = fREF·M or fOUT = fREF·M/N
3.
Other input frequency on request
4.
Higher output level (up to 15 dBm) on request
5.
For other phase noise please consult factory
6.
Other supply voltage on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Reference Input Level
-
+15
dBm
Storage Temperature
-55
+125
°C


Similar Part No. - AXPLO100

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXPLO10 AXTAL-AXPLO10 Datasheet
112Kb / 3P
Phase-Locked 10 MHz OCXO (PLOCXO)
More results

Similar Description - AXPLO100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Tyco Electronics
MASY-007715-113000 MACOM-MASY-007715-113000 Datasheet
144Kb / 2P
Phase Locked Oscillator, SMT, 1300 MHz
logo
RF Monolithics, Inc
XOCSM102 RFM-XOCSM102 Datasheet
462Kb / 4P
10.000000 MHz OCXO
XOCSM103 RFM-XOCSM103 Datasheet
462Kb / 4P
10.000000 MHz OCXO
logo
Advanced XTAL Products
AXPLO10 AXTAL-AXPLO10 Datasheet
112Kb / 3P
Phase-Locked 10 MHz OCXO (PLOCXO)
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
AXIOM75RH AXTAL-AXIOM75RH Datasheet
328Kb / 16P
Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
logo
Pasternack Enterprises,...
PE19XC7000 PASTERNACK-PE19XC7000_V01 Datasheet
432Kb / 5P
500 MHz Phase Locked Oscillator
PE19XC7005 PASTERNACK-PE19XC7005_V01 Datasheet
467Kb / 5P
500 MHz Phase Locked Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com