Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTCH102-I/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MTCH102-I/ST
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-I/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MTCH102-I/ST Datasheet HTML 3Page - Microchip Technology MTCH102-I/ST Datasheet HTML 4Page - Microchip Technology MTCH102-I/ST Datasheet HTML 5Page - Microchip Technology MTCH102-I/ST Datasheet HTML 6Page - Microchip Technology MTCH102-I/ST Datasheet HTML 7Page - Microchip Technology MTCH102-I/ST Datasheet HTML 8Page - Microchip Technology MTCH102-I/ST Datasheet HTML 9Page - Microchip Technology MTCH102-I/ST Datasheet HTML 10Page - Microchip Technology MTCH102-I/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 7
MTCH102/5/8
GC
The GC (Guard Control) is multiplexed with one of the
MTOx pins. By grounding the GC pin, the active guard
signal will be enabled on the Guard pin.
MTSA
The MTSA pin is an input that determines the
sensitivity of touch/proximity sensors. Applying VDD will
give the lowest sensitivity while applying VSS will give
the highest.
MTPM
The MTPM pin is an input that determines the power
mode of MTCH10X devices. By connecting VSS to the
MTPM pin, the device will operate in Low-Power mode.
See Figure 5-1 for current consumption and response
time specifications. When applying VDD on the
MTCH10X MTPM pin, the device will scan the sensors
at the fastest possible sampling rate. Host-controlled
sampling rates are available using the Smart Scan
Scheduling feature described in Section 4.0, Power
Mode and Timeout Reset
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com