Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9902T-2E/9Q Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP9902T-2E/9Q
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-2E/9Q Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP9902T-2E/9Q Datasheet HTML 24Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 25Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 26Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 27Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 28Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 29Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 30Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 31Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MCP9902/3/4
DS20005382C-page 28
 2015-2016 Microchip Technology Inc.
REGISTER 5-13:
EXT(N) LO LIM LB – EXTERNAL DIODE N LOW LIMIT, LOW BYTE
TEMPERATURE REGISTER (ADDRESSES 14H, 18H, 2FH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
EXT(N)_LLLB<2:0>
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-5
EXT(N)_LLLB<2:0>
: Fractional portion of the Low Limit Temperature to be added to the value at the
respective high byte registers, where n = 1 to 3
111
= 0.875°C
110
= 0.750°C
101
= 0.625°C
100
= 0.500°C
011
= 0.375°C
010
= 0.250°C
001
= 0.125°C
000
= 0.000°C
4-0
Unimplemented
: Read as ‘0’
REGISTER 5-14:
SCRTCHPD(N): SCRATCHPAD REGISTER (ADDRESSES 11H AND 12H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
SPD(N)<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
SPD(N)<7:0>
: User temporary storage registers, where n = 1 to 2
REGISTER 5-15:
ONE SHOT – ONE-SHOT TEMPERATURE CONVERSION INITIATION REGISTER
(ADDRESS 0FH)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
ONSH<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
ONSH<7:0>
: When the device is in the Standby state, writing to the One-shot Register will initiate a
conversion cycle and update the temperature measurements. Writing to the One Shot Register while
the device is in the Active state or when the BUSY bit is set in the Status Register 02h will have no
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com