Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9903T-2E/RW Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP9903T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 22Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 23Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 24Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 25Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 26Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 27Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 28Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 29Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
MCP9902/3/4
DS20005382C-page 26
 2015-2016 Microchip Technology Inc.
REGISTER 5-7:
CONVERT: TEMPERATURE CONVERSION RATE REGISTER (ADDRESS 04H, 0AH)
RW-0
U-0
U-0
U-0
RW-0RW-1RW-1RW-0
SLEEP
—
—
—
CONV<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7
SLEEP
0
= Active Mode or Standby mode, as controlled by R/S bit in Register 02h
1
= SLEEP mode is enabled. This bit overrides R/S in Register 02h
6-4
Unimplemented
: Read as ‘0’
3-0
CONV<3:0>
: The Conversion Rate Register controls how often the temperature measurement
channels are updated and compared against the limits. This register is fully accessible at either
address (04H, 0AH). Determines the conversion rate as shown in Table 4-1.
REGISTER 5-8:
INT DIODE HI LIMIT TEMP: INTERNAL DIODE HIGH LIMIT TEMPERATURE
REGISTER (ADDRESSES 05H AND 0BH)
RW-0
RW-1
RW-0
RW-1
RW-0
RW-1
RW-0
RW-1
IDHL<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
IDHL<7:0>
: 2’s complement integer value of the Internal Diode n temperature reading
REGISTER 5-9:
INT DIODE LO LIM TEMP – INTERNAL DIODE LOW LIMIT TEMPERATURE
REGISTER (ADDRESSES 06H AND 0CH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
IDLL<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
IDLL<7:0>
: Integer value of the Internal Diode temperature reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com