Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9903T-AE/RW Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9903T-AE/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-AE/RW Datasheet(HTML) 4 Page - Microchip Technology

  MCP9903T-AE/RW Datasheet HTML 1Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 2Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 3Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 4Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 5Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 6Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 7Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 8Page - Microchip Technology MCP9903T-AE/RW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCP9902/3/4
DS20005382C-page 4
 2015-2016 Microchip Technology Inc.
External Temperature Monitor
Temperature Accuracy
(MCP9902)
—
-1
±0.25
+1
°C
-40°C < TDIODE < +105°C,
-40°C < TA <+65°C
-2
±0.25
+2
°C
-40°C < TDIODE < +125°C
-40°C < TA < +125°C
Temperature Accuracy
(MCP9903, MCP9904)
—
-1
±0.25
+1
°C
-40°C < TDIODE < +125°C,
-40°C < TA <+65°C
-2
±0.25
+2
°C
+40°C < TDIODE < +125°C
-40°C < TA < +125°C
Temperature
Resolution
——
0.125
—
°C
—
Internal Temperature Monitor
Temperature Accuracy
—
-1
±0.25
+1
°C
-40°C < TA < +65°C
-2
±0.5
+2
°C
-40°C < TA < +125°C
Temperature
Resolution
——
0.125
—
°C
—
Timing and Capacitive Filter
Time to First
Communications
tINT_T
—
15
20
ms
Time after power up before ready to
begin communications and
measurement
Conversion Time All
Channels
(MCP9903, MCP9904)
tCONV
—
190
—
ms
Default settings
Conversion Time All
Channels
(MCP9902)
tCONV
—
150
—
ms
Default settings
Time to First
Conversion from
Standby
tCONV1
—
220
—
ms
Default settings
Capacitive Filter
CFILTER
—
2.2
2.7
nF
Connected across external diode
ALERT and THERM Pins
Output Low Voltage
VOL
0.4
—
—
V
ISINK =8 mA
Leakage Current
ILEAK
——
±5
µA
ALERT and THERM pins
Device powered or
unpowered
TA < +85°C
pull-up voltage < 3.6V
1.2
DC Characteristics (Continued)
Electrical Characteristics
: Unless otherwise specified, 3.0 ≤ VDD ≤ 3.6V at -40°C ≤ TA ≤ +125°C
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
1.3
Thermal Specifications
Electrical Characteristics:
Unless otherwise specified, 3.0
 VDD  3.6V at -40C  TA  +125C
Parameters
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+125
°C
Thermal Package Resistances (Note 1)
Thermal Resistance, 8L-WDFN, 2x2
JA
—
141.3
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com