Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9904T-AE/RW Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP9904T-AE/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-AE/RW Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP9904T-AE/RW Datasheet HTML 2Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 3Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 4Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 5Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 6Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 7Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 8Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 9Page - Microchip Technology MCP9904T-AE/RW Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
MCP9902/3/4
DS20005382C-page 6
 2015-2016 Microchip Technology Inc.
FIGURE 1-2:
SMBus Timing Diagram.
1.4
SMBUS Module Specifications
Operating Conditions
(unless otherwise indicated): 3.0V ≤ VDD ≤ 3.6V at -40°C ≤ TA ≤ +85°C
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
SMBus Interface
Input High Voltage
VIH
2.1
—
VDD
V—
Input Low Voltage
VIL
-0.3
0.8
V
—
Leakage Current
ILEAK
—
—
±5
µA
Powered or unpowered
TA < +85°C
Hysteresis
—
0.1
 VDD
—mV
—
Input Capacitance
CIN
—5
—
pF
—
Output Low Sink Current
IOL
8.2
—
15
mA
SMDATA = 0.2V
SMBus Timing
Clock Frequency
fSMB
10
—
400
kHz
—
Spike Suppression
tSP
—
—
50
ns
—
Bus Free Time Stop to
Start
tBUF
1.3
—
—
µs
—
Hold Time: Start
tHD:STA
0.6
—
—
µs
—
Setup Time: Start
tSU:STA
0.6
—
—
µs
—
Setup Time: Stop
tSU:STO
0.6
—
—
µs
—
Data Hold Time
tHD:DAT
0—
—
µs
—
Data Hold Time
tHD:DAT
0.3
—
—
µs
When transmitting to the master
Data Setup Time
tSU:DAT
100
—
—
ns
When receiving from the master
Clock Low Period
tLOW
1.3
—
—
µs
—
Clock High Period
tHIGH
0.6
—
—
µs
—
Clock/Data Fall Time
tFALL
——
300
ns
—
Clock/Data Rise Time
tRISE
—
—
300
ns
Min = 20+0.1 CLOAD ns
Capacitive Load
CLOAD
—
—
400
pF
Min = 20+0.1 CLOAD ns
Timeout
tTIME-
OUT
25
—
35
ms
Per bus line
Clock Frequency
fSMB
10
—
400
kHz
Disabled by default
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T
HD:STA
T
SU:STO
T
HD:STA
T
HD:DAT
T
SU:DAT
T
SU:STA
T
FALL
T
RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com