Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9904T-2E/9Q Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9904T-2E/9Q
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/9Q Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9904T-2E/9Q Datasheet HTML 4Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 5Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 6Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 7Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 8Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 9Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 10Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 11Page - Microchip Technology MCP9904T-2E/9Q Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MCP9902/3/4
DS20005382C-page 8
 2015-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The MCP9902/3/4 has two variants that include
features unique to each device. Refer to the table to
determine applicability of the pin descriptions.
The description of the pins is listed in Table 3-1.
3.1
Power Supply (VDD)
This pin is used to supply power to the device.
3.2
Diode 1 Pair (DN1/DP1)
Remote Diode 1 anode (DP1) and cathode (DN1) pins
for the MCP9902/3/4.
3.3
Diode 2 Pair (DN2/DP2)
Remote Diode 2 anode (DP2) and cathode (DN2) pins
for the MCP9903.
3.4
Anti-Parallel Diode Pair (DN3/DP2
and DN2/DP3) (MCP9904 only)
• DP2/DN3: DP2 anode and DN3 cathode
• DN2/DP3: DN2 cathode and DP3 anode
3.5
THERM LIMIT ALERT
(THERM/ADDR)
This pin asserts low when the hardware-set THERM
limit threshold is exceeded by one of the temperature
sensors. The assertion of this signal can’t be controlled
or masked by register setting. If enabled, the SMBus
slave address is set by the pull-up resistor on this pin.
3.6
Ground (GND)
This pin is used for system ground for the device.
3.7
Maskable ALERT
(ALERT/THERM2)
This pin asserts when a diode temperature exceeds
the ALERT threshold. This pin may be masked by
register settings.
3.8
SMBus Data (SMDATA)
This is the open drain, bidirectional data pin for SMBus
communication.
3.9
SMBus Clock (SMCLK)
This is the SMBus input clock pin for SMBus
communication.
3.10
Exposed Thermal Pad (EP)
Not internally connected, but recommend grounding for
mechanical support.
TABLE 3-1:
PIN FUNCTION TABLE
MCP9902
WDFN
MCP9903
VDFN
MCP9904
VDFN
Pin
Name
Pin
Type
Description
111
VDD
PPower
222
DP1
Analog
Diode 1/2 Connection
333
DN1
Analog
Diode 1/2 Connection
—4
4
DP2(1)(/DN3)(2)
Analog
Diode 1/2 Connection
—5
5
DN2(1)(/DP3)(2)
Analog
Diode 1/2 Connection
566
GND
P
Ground
477
THERM/ADDR
OD
Non-Maskable THERM
6
8
8
ALERT/THERM2
OD
Maskable ALERT/THERM2
799
SMDATA
OD
SMBus Clock
810
10
SMCLK
OD
SMBus Data
911
11
EP
—
Exposed Thermal pad
Note 1:
MCP9903 only.
2:
MCP9904 only.
3:
See Section 3.10 “Exposed Thermal Pad (EP)” for grounding recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com