Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1182 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC1182
Description  Dual Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1182 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC1182 Datasheet HTML 24Page - Microchip Technology EMC1182 Datasheet HTML 25Page - Microchip Technology EMC1182 Datasheet HTML 26Page - Microchip Technology EMC1182 Datasheet HTML 27Page - Microchip Technology EMC1182 Datasheet HTML 28Page - Microchip Technology EMC1182 Datasheet HTML 29Page - Microchip Technology EMC1182 Datasheet HTML 30Page - Microchip Technology EMC1182 Datasheet HTML 31Page - Microchip Technology EMC1182 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Dual Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
28
SMSC EMC1182
DATASHEET
6.3
Status Register 02h
The Status Register reports the operating status of the Internal Diode and External Diode channels.
When any of the bits are set (excluding the BUSY bit) either the ALERT / THERM2 or THERM pin is
being asserted.
The ALERT / THERM2 and THERM pins are controlled by the respective consecutive alert counters
(see Section 6.11) and will not be asserted until the programmed consecutive alert count has been
reached. The status bits (except ETHERM and ITHERM) will remain set until read unless the ALERT
pin is configured as a second THERM output (see Section 5.4).
Bit 7 - BUSY - This bit indicates that the ADC is currently converting. This bit does not cause either
the ALERT / THERM2 or THERM pin to be asserted.
Bit 6 - IHIGH - This bit is set when the Internal Diode channel exceeds its programmed high limit.
When set, this bit will assert the ALERT / THERM2 pin.
Bit 5 - ILOW - This bit is set when the Internal Diode channel drops below its programmed low limit.
When set, this bit will assert the ALERT / THERM2 pin.
Bit 4 - EHIGH - This bit is set when the External Diode channel exceeds its programmed high limit.
When set, this bit will assert the ALERT / THERM2 pin.
Bit 3 - ELOW - This bit is set when the External Diode channel drops below its programmed low limit.
When set, this bit will assert the ALERT / THERM2 pin.
Bit 2 - FAULT - This bit is asserted when a diode fault is detected. When set, this bit will assert the
ALERT / THERM2 pin.
Bit 1 - ETHERM - This bit is set when the External Diode channel exceeds the programmed Therm
Limit. When set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is
released at which point it will be automatically cleared.
Bit 0 - ITHERM - This bit is set when the Internal Diode channel exceeds the programmed Therm Limit.
When set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released
at which point it will be automatically cleared.
6.4
Configuration Register 03h / 09h
The Configuration Register controls the basic operation of the device. This register is fully accessible
at either address.
Table 6.3 Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
02h
R-C
Status
BUSY
IHIGH
ILOW
EHIGH
ELOW
FAULT
ETHERM
ITHERM
00h
Table 6.4 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h
R/W
Configuration
MASK_
ALL
RUN/
STOP
ALERT/
THERM2
RECD
-
RANGE
DAVG_
DIS
-
00h
09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com